Electronic Components Datasheet Search
  English  ▼

X  

THS5671APW Datasheet(PDF) 13 Page - Texas Instruments

Part # THS5671APW
Description  14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5671APW Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS5671APW Datasheet HTML 9Page - Texas Instruments THS5671APW Datasheet HTML 10Page - Texas Instruments THS5671APW Datasheet HTML 11Page - Texas Instruments THS5671APW Datasheet HTML 12Page - Texas Instruments THS5671APW Datasheet HTML 13Page - Texas Instruments THS5671APW Datasheet HTML 14Page - Texas Instruments THS5671APW Datasheet HTML 15Page - Texas Instruments THS5671APW Datasheet HTML 16Page - Texas Instruments THS5671APW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
THS5671A
14-BIT, 125 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS201A – DECEMBER 1999 – REVISED SEPTEMBER 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 23
SINGLE-TONE OUTPUT SPECTRUM
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1020304050
Fout = 10 MHz at
Fclock = 100 MSPS,
DVDD = 5 V
Frequency – MHz
Figure 24
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1020304050
Frequency – MHz
DUAL-TONE OUTPUT SPECTRUM
Fclock = 100 MSPS
Fout1 = 13.2 MHz,
Fout2 = 14.2 MHz,
DVDD = 5 V
Figure 25
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
20
25
Frequency – MHz
FOUR-TONE OUTPUT SPECTRUM
Fclock = 50 MSPS
Fout1 = 6.25 MHz,
Fout2 = 6.75 MHz,
Fout3 = 7.25 MHz,
Fout4 = 7.75 MHz,
DVDD = 5 V
† AV
DD = 5 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly terminated load, TA = 25°C (unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com