Electronic Components Datasheet Search
  English  ▼

X  

THS5671APW Datasheet(PDF) 15 Page - Texas Instruments

Part # THS5671APW
Description  14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5671APW Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS5671APW Datasheet HTML 11Page - Texas Instruments THS5671APW Datasheet HTML 12Page - Texas Instruments THS5671APW Datasheet HTML 13Page - Texas Instruments THS5671APW Datasheet HTML 14Page - Texas Instruments THS5671APW Datasheet HTML 15Page - Texas Instruments THS5671APW Datasheet HTML 16Page - Texas Instruments THS5671APW Datasheet HTML 17Page - Texas Instruments THS5671APW Datasheet HTML 18Page - Texas Instruments THS5671APW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
THS5671A
14-BIT, 125 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS201A – DECEMBER 1999 – REVISED SEPTEMBER 2002
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The THS5671A architecture is based on current steering, combining high update rates with low power
consumption. The CMOS device consists of a segmented array of PMOS transistor current sources, which are
capable of delivering a full-scale current up to 20 mA. High-speed differential current switches direct the current
of each current source to either one of the output nodes, IOUT1 or IOUT2. The complementary output currents
thus enable differential operation, canceling out common mode noise sources (on-chip and PCB noise), dc
offsets, even order distortion components, and increases signal output power by a factor of two. Major
advantages of the segmented architecture are minimum glitch energy, excellent DNL, and very good dynamic
performance. The DAC’s high output impedance of >300 k
Ω and fast switching result in excellent dynamic
linearity (spurious free dynamic range SFDR).
The full-scale output current is set using an external resistor RBIAS in combination with an on-chip bandgap
voltage reference source (1.2 V) and control amplifier. The current IBIAS through resistor RBIAS is mirrored
internally to provide a full-scale output current equal to 32 times IBIAS. The full-scale current can be adjusted
from 20 mA down to 2 mA.
data interface and timing
The THS5671A comprises separate analog and digital supplies, i.e. AVDD and DVDD. The digital supply voltage
can be set from 5.5 V down to 3 V, thus enabling flexible interfacing with external logic. The THS5671A provides
two operating modes, as shown in Table 1. Mode 0 (mode pin connected to DGND) supports a straight binary
input data word format, whereas mode 1 (mode pin connected to DVDD) sets a twos complement input
configuration.
Figure 29 shows the timing diagram. Internal edge-triggered flip-flops latch the input word on the rising edge
of the input clock. The THS5671A provides for minimum setup and hold times (> 1 ns), allowing for noncritical
external interface timing. Conversion latency is one clock cycle for both modes. The clock duty cycle can be
chosen arbitrarily under the timing constraints listed in the digital specifications table. However, a 50% duty cycle
will give optimum dynamic performance. Figure 30 shows a schematic of the equivalent digital inputs of the
THS5671A, valid for pins D13–D0, SLEEP, and CLK. The digital inputs are CMOS-compatible with logic
thresholds of DVDD/2 ±20%. Since the THS5671A is capable of being updated up to 125 MSPS, the quality of
the clock and data input signals are important in achieving the optimum performance. The drivers of the digital
data interface circuitry should be specified to meet the minimum setup and hold times of the THS5671A, as well
as its required min/max input logic level thresholds. Typically, the selection of the slowest logic family that
satisfies the above conditions will result in the lowest data feed-through and noise. Additionally, operating the
THS5671A with reduced logic swings and a corresponding digital supply (DVDD) will reduce data feed-through.
Note that the update rate is limited to 70 MSPS for a digital supply voltage DVDD of 3 V to 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com