Electronic Components Datasheet Search
  English  ▼

X  

75SERIES Datasheet(PDF) 7 Page - Mallory performance club

Part # 75SERIES
Description  BILLET HEI DISTRIBUTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

75SERIES Datasheet(HTML) 7 Page - Mallory performance club

  75SERIES Datasheet HTML 1Page - Mallory performance club 75SERIES Datasheet HTML 2Page - Mallory performance club 75SERIES Datasheet HTML 3Page - Mallory performance club 75SERIES Datasheet HTML 4Page - Mallory performance club 75SERIES Datasheet HTML 5Page - Mallory performance club 75SERIES Datasheet HTML 6Page - Mallory performance club 75SERIES Datasheet HTML 7Page - Mallory performance club 75SERIES Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
MALLORY IGNITION
www.malloryracing.com
ADJUSTMENT PROCEDURE FOR YH MECHANICAL ADVANCE ASSEMBLY
NOTE: Check local laws before changing advance limit or advance rate.
LEFT HAND
ROTATION
RIGHT HAND
ROTATION
Adjustment
Screw
Adjustment Plate (on
bottom)
Adjustment Plate (on
bottom)
Adjustment
Screw
Advance Tab
Spring Perch
The advance rate indicates how fast the advance
comes in. To change the advance rate, you must
change springs. An advance curve kit (Part No.
29014) is available. The kit includes a selection of
springs, degree keys, and detailed instructions.
The advance limit is the total amount of advance
provided by the mechanical advance.To adjust the
advance limit, loosen the adjustment screws and
rotate the adjustment plate. Adjustment range is
0° to 28°.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com