Electronic Components Datasheet Search
  English  ▼

X  

75SERIES Datasheet(PDF) 1 Page - Mallory performance club

Part # 75SERIES
Description  BILLET HEI DISTRIBUTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

75SERIES Datasheet(HTML) 1 Page - Mallory performance club

  75SERIES Datasheet HTML 1Page - Mallory performance club 75SERIES Datasheet HTML 2Page - Mallory performance club 75SERIES Datasheet HTML 3Page - Mallory performance club 75SERIES Datasheet HTML 4Page - Mallory performance club 75SERIES Datasheet HTML 5Page - Mallory performance club 75SERIES Datasheet HTML 6Page - Mallory performance club 75SERIES Datasheet HTML 7Page - Mallory performance club 75SERIES Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MALLORY IGNITION
www.malloryracing.com
1
75 SERIES BILLET HEI DISTRIBUTORS
INSTALLATION INSTRUCTIONS
FORM 1482M (REV. C) 04/05
GENERAL INFORMATION
Mallory 75 Series Distributors are similar to GM HEI
distributors, but with many advantages over the OEM
design, including:
• Billet aluminum housing with ball bearings and/or
self-lubricating bushings to support the centerless
ground 1/2" shaft.
• Fully adjustable mechanical advance (0 – 28°).
• High performance mechanical advance curve
(24° all in @ 3200 rpm).
• Fully adjustable vacuum advance.
• Mallory designed and manufactured HYFIRE module
with a built-in adjustable rev limiter (5000-9500 rpm).
• Indexed housing allows cap to be mounted four
different ways to provide more clearance in tight
engine compartments.
• High performance cap and rotor (with brass
inserts) are manufactured in-house by Mallory from
glass-filled polyester for higher strength and better
electrical properties.
• High performance coil (Part No. 29215, included
in distributors with part numbers ending in “C”)
combined with the Mallory module provide 8500+
rpm capability (rpm may be lower when used with
other coils).
• Available for many V8 engines including Chevy,
Ford, Pontiac, Buick, Olds, Chrysler, and AMC.
INSTALLATION
1. Remove the distributor from the box and check for
any shipping damage.
2. Remove the cap and rotor from the new
distributor and check the gap between the pickup
and the reluctor with feeler gauges. The gap
should be between .015" and .030". If the gap is
wrong, loosen the two pickup screws and adjust
the gap.
3. Adjust the rev limiter (see Page 6 for instructions).
Replace the rotor.
4. If the old distributor is still in the engine, remove
the cap and note which spark plug wire the rotor
is pointing at. Trace that spark plug wire to the
spark plug and determine which cylinder it is.
5. Remove the old distributor.
6. Install the new distributor (without the cap) with
the rotor pointing in approximately the same
direction as the old distributor. If the distributor
will not seat properly, remove the distributor and
use a long screwdriver to rotate the oil pump drive
in the engine.
7. Place the new cap on the new distributor. The cap
will fit four different ways. Determine which of the
four positions works best in your application.
8. Note which cap terminal the rotor is pointing
toward. Run a spark plug wire from that terminal
to the cylinder determined in Step 4.
9. Connect the rest of the spark plug wires to the
new cap in the same order as the old cap.
10. Install the distributor hold-down clamp so that it is
snug, but the distributor can still be rotated with a
little effort.
11. Install the coil onto the cap and connect the wire
harness from the distributor to the coil.
12. If you are replacing an existing HEI distributor, the
wiring harness from the ignition switch can now
be plugged into the coil. If you are replacing
something other than an HEI distributor, a 1/4"
female tab connector can be used to connect the
wire from the ignition switch to the coil.
See Figure 3.


Similar Part No. - 75SERIES

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75S-073+12 JFW-75S-073+12 Datasheet
26Kb / 1P
1P4T NORMALLY OPENED ELECTROMECHANICAL RF SWITCH
75S-081 JFW-75S-081 Datasheet
26Kb / 1P
1P2T SELF TERMINATING SOLID STATE RF SWITCH
75S-087 JFW-75S-087 Datasheet
26Kb / 1P
1P3T SELF TERMINATING ELECTROMECHANICAL RF SWITCH
75S-111 JFW-75S-111 Datasheet
26Kb / 1P
1P2T FAILSAFE SELF TERMINATING ELECTROMECHANICAL RF SWITCH
75S-181 JFW-75S-181 Datasheet
26Kb / 1P
1P8T SOLID STATE RF SWITCH
More results

Similar Description - 75SERIES

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8555401C MALLORY-8555401C Datasheet
64Kb / 1P
GM STYLE HEI LARGE CAP DISTRIBUTORS
PN8365 MALLORY-PN8365 Datasheet
747Kb / 8P
MSD Pro-Billet Chevrolet HEI Distributor
PN8378 MALLORY-PN8378 Datasheet
74Kb / 2P
MSD Billet Crank Trigger Distributors
PN8451 MALLORY-PN8451 Datasheet
85Kb / 2P
Pro-Billet Late Model Ford Distributors
PN8473 MALLORY-PN8473 Datasheet
275Kb / 8P
MSD Ford Billet Distributors
PN8528 MALLORY-PN8528 Datasheet
641Kb / 8P
MSD Pro-Billet Ready-to-Run Distributors
PN8558 MALLORY-PN8558 Datasheet
125Kb / 4P
MSD Billet Crank Trigger Distributors
PN8569 MALLORY-PN8569 Datasheet
74Kb / 2P
MSD Billet Crank Trigger Distributors
PN8598 MALLORY-PN8598 Datasheet
345Kb / 8P
MSD Ford Billet Distributors
84563 MALLORY-84563 Datasheet
84Kb / 2P
Pro-Billet Late Model Ford Distributors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com