Electronic Components Datasheet Search
  English  ▼

X  

79SERIES Datasheet(PDF) 1 Page - Mallory performance club

Part # 79SERIES
Description  REPLACEMENT DISTRIBUTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

79SERIES Datasheet(HTML) 1 Page - Mallory performance club

  79SERIES Datasheet HTML 1Page - Mallory performance club 79SERIES Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PERFORMANCE REPLACEMENT DISTRIBUTORS, SERIES NO. 79
AUTOMOTIVE APPLICATIONS
PARTS INCLUDED WITH THIS KIT:
1 Distributor (ready to run)
GENERAL INFORMATION
• Factory spark plug wire assemblies install directly onto the Pro Cap without
modifications.
• Factory distributor harness connects directly to the ignition module.
• Factory distributor ignition modules and stators interchange with the
Performance Replacement Distributor ignition modules and stators.
• The distributor drive gear is compatible with standard flat tappet (proferal
billet) and hydraulic roller tappet (selectively austempered ductile iron
billet) camshafts.
• An optional (stack) Distributor Cap Part No. 205 and Rotor Part No. 29792
are available to interchange with the Pro Cap system where the diameter
of the Pro Cap is too large.
Ignition Coils:
The Performance Replacement Distributor is designed to work with stock
ignition coils. For optimum performance, use a Mallory TFI Performance Coil
Part No. 29213 or 29214, or PROMASTER® Coil Part No. 29440 or 29625.
Electric Welding:
Unplug the distributor harness from ignition module before welding
on the vehicle.
Spark Plugs and Spark Plug Gaps:
Use your engine manufacturer's specifications.
Spark Plug Wires:
YOU MUST USE suppression type (carbon core; spiral core; suppression
core) spark plug wire. We recommend spiral core ignition wire, such as
Mallory PRO SIDEWINDER® Ignition Wire. Suppression type spark plug
wires prevent false triggering and the possibility of premature ignition or
accessory failures.
DO NOT USE solid core (copper core; stainless steel core) spark plug wire
with any electronic ignition system or accessory. Solid core spark plug wire
causes radio frequency interference (ignition noise; static). Radio frequency
interference causes false triggering (pre-ignition; spark scatter) and
premature ignition or accessory failures. Prevent false triggering and the
possibility of premature ignition or accessory failures, use suppression type
spark plug wire (carbon core; spiral core; suppression core). We recommend
spiral core ignition wire, such as Mallory PRO SIDEWINDER® Ignition Wire.
PERFORMANCE REPLACEMENT DISTRIBUTOR
VEHICLE YR.
CYL.
VEHICLE APPLICATION
5.0L PART NO.
5.8L PART NO.
FORD PASSENGER CARS
1987-91
V8
Full Size
7970404
7968704
1991-93
V8
Mustang Except Cobra
7970404
7968704
1987-90
V8
Mustang
7970404
7968704
1985-86
V8
Mustang w/TFI-EEC IV
7970404
7968704
1987-88
V8
Thunderbird
7970404
7968704
1985-86
V8
Thunderbird w/TFI-EEC IV
7970404
7968704
1985-86
V8
All w/TFI-EEC IV
7970404
7968704
LINCOLN-CONTINENTAL
1985-92
V8
All w/TFI-EEC IV
7970404
7968704
1984
V8
Continental w/TFI-EEC IV
7970404
7968704
MERCURY PASSENGER CARS
1985-91
V8
All w/TFI-EEC IV Except Cougar
7970404
7968704
1987-88
V8
Cougar
7970404
7968704
FORD LIGHT DUTY TRUCKS AND VANS
PICKUP F 100-350 SERIES. BRONCO. VAN E 100-350 SERIES.
1984-94
V8
ALL W/TFI-EEC IV and distributor mounted ignition module
7970404
7968704
INSTALLATION INSTRUCTIONS
1
FORM #1389 (REV. B) 09/03


Similar Description - 79SERIES

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
1214M MALLORY-1214M Datasheet
193Kb / 12P
DISTRIBUTOR
logo
Fuji Electric
EDS9-48A FUJI-EDS9-48A Datasheet
48Kb / 2P
OPTICAL DISTRIBUTOR
EDS13-8C FUJI-EDS13-8C Datasheet
168Kb / 4P
DISTRIBUTOR
logo
Mallory performance clu...
3756701 MALLORY-3756701 Datasheet
577Kb / 4P
UNILITE DISTRIBUTOR
3757901 MALLORY-3757901 Datasheet
577Kb / 4P
UNILITE짰 DISTRIBUTOR
4563901 MALLORY-4563901 Datasheet
577Kb / 4P
UNILITE짰 DISTRIBUTOR
4756701 MALLORY-4756701 Datasheet
577Kb / 4P
UNILITE짰 DISTRIBUTOR
logo
Festo Corporation.
6847 FESTO-6847 Datasheet
77Kb / 1P
Distributor
6848 FESTO-6848 Datasheet
77Kb / 1P
Distributor
6849 FESTO-6849 Datasheet
72Kb / 1P
Distributor endpiece
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com