Electronic Components Datasheet Search
  English  ▼

X  

79SERIES Datasheet(PDF) 2 Page - Mallory performance club

Part # 79SERIES
Description  REPLACEMENT DISTRIBUTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

79SERIES Datasheet(HTML) 2 Page - Mallory performance club

  79SERIES Datasheet HTML 1Page - Mallory performance club 79SERIES Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OLD DISTRIBUTOR REMOVAL
Step 1
Disconnect the distributor plugs from the distributor module.
Step 2
Locate the spark plug wire on the original distributor cap that the engine
timing is set from. See a service manual for these locations. Mark the
distributor cap and the distributor housing, in line with this spark plug wire
position on the distributor cap.
Step 3
Turn the engine crankshaft in e direction of rotation until the timing mark lines
up with the top dead center (TDC) mark on the timing tab. See a service
manual for these locations.
NOTE: Removing the spark plugs may make it easier to turn the crankshaft.
Step 4
Remove the distributor cap from the distributor. Do not remove the spark plug
wires or coil wire at this time. The rotor blade should point to the mark made
on the distributor housing (from Step 2). If it is not, turn the engine crankshaft
in the direction of rotation one full turn (repeating Step 3) until the timing
mark lines up (again) with the TDC mark on the timing tab.
NOTE: Once you are finished with step 4, DO NOT turn the crankshaft until the
new distributor is installed.
Step 5
Note the direction the rotor is pointing. Note the direction the distributor
module is facing. Remove the distributor, hold down clamp and remove the
distributor from the engine.
PERFORMANCE REPLACEMENT
DISTRIBUTOR INSTALLATION
Step 1
Remove the distributor cap.
Step 2
Place the distributor in the engine with the rotor pointing in the same general
direction as the original distributor.
NOTE: The distributor must be fully seated into the engine. It may be
necessary to turn the oil pump drive, or turn the engine crankshaft in the
direction of rotation two full turns until the timing mark lines up (again) with
the TDC mark on the timing tab, to allow the distributor to seat fully.
Step 3
Rotate the distributor housing until distributor module is facing the same
general direction as the original distributor was facing.
This will generally give timing close enough for starting purposes. Put the
distributor hold down clamp in place and tighten slightly, leaving it loose
enough to turn the distributor. Make a mark on he distributor housing where
the rotor points.
Step 4
Install the distributor cap. Remove the spark plug wire on the original
distributor cap that the engine timing is set from, and install it into the
distributor cap post above the mark on the distributor housing where the rotor
had pointed. Continue installing each remaining spark plug wire, one at a time,
from original distributor cap to the distributor cap in the same sequence.
WIRING PROCEDURE
Connect the distributor plugs into me distributor module.
STARTING ENGINE
CAUTION: Be sure all tools, wires and miscellaneous objects are clear of
moving engine parts and extreme heat before starting the engine.
Step 1
Recheck all wires and connections to make sure they are correct. Check and
clean, or replace spark plugs. If replacing spark plugs, use types
recommended by the engine manufacturer.
Step 2
Connect a timing light. Find the area with the best view of the timing marks.
Step 3
Check your service manual ignition timing procedures and settings. Start the
engine. If it fails to start, rotate the distributor in small increments clockwise
or counter-clockwise until engine starts. Do not exceed more than ten degrees
of distributor housing rotation in either direction.
IMPORTANT: Follow ignition timing procedures outlined in your service
manual. Some vehicles require putting the ignition timing in bypass mode
by disconnecting a wire connector as part of the ignition timing procedure.
Step 4
Set timing as recommended by engine manufacturer and outlined in your
service manual, then tighten distributor hold down clamp. Make sure timing is
still correct. If timing has moved, repeat this procedure.
Performance Replacement Distributors, Series No. 79
TUNE-UP AND SERVICE PARTS
DIST.
ROTOR
IGNITION
WIRE
DIST. CAP
DIST. BOOT AND
CAP
MODULE
RETAINER
ADAPTER
TERMINAL KIT
29745
29736
613
29744
29748
669
NOTE: Factory distributor ignition modules and stators interchange with
the Performance Replacement Distributor ignition modules and stators.
MALLORY IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP
PHONE (216) 688-8300
FAX (216) 688-8306
www.mrgasket.com
FORM #1389
REV. B (09/03)
Made in U.S.A.
Printed in U.S.A.
2



Html Pages

1 2