Electronic Components Datasheet Search
  English  ▼

X  

585 Datasheet(PDF) 1 Page - Mallory performance club

Part # 585
Description  IGNITION CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

585 Datasheet(HTML) 1 Page - Mallory performance club

  585 Datasheet HTML 1Page - Mallory performance club 585 Datasheet HTML 2Page - Mallory performance club 585 Datasheet HTML 3Page - Mallory performance club 585 Datasheet HTML 4Page - Mallory performance club 585 Datasheet HTML 5Page - Mallory performance club 585 Datasheet HTML 6Page - Mallory performance club 585 Datasheet HTML 7Page - Mallory performance club 585 Datasheet HTML 8Page - Mallory performance club 585 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
MALLORY TECHNICAL SUPPORT
(775) 882-6600
tech@mrgasket.com
®
HYFIRE® V ELECTRONIC
IGNITION CONTROL
PART NO. 585
INSTALLATION INSTRUCTIONS
FORM 1051 (REV. A) 10/01
Battery
The HYFIRE® V Series Ignition Control operates on any negative
ground, 12 volt electrical system with a distributor. It will also work
with 16 volt batteries and can withstand a momentary spike of 24 volts
in case of jump starts. This system delivers full voltage with a supply
of 10-18 volts, and operates with a supply voltage as low as 8 volts.
If your application does not use an alternator, allow at least 15 amp/
hour for every half hour of operation. If you crank the engine with the
same battery or other accessories, such as an electric fuel or water
pump, increase the amp/hour rating
Coils
For optimum performance with your HYFIRE® V Ignition Control, we
recommend Mallory’s PROMASTER® Coil P/N 29440. Mallory’s
PROMASTER® Coil P/N 29625 can also be used, as well as most
stock coils or aftermarket coils designed as stock replacements.
NOTE: Do not use Mallory’s PROMASTER® Coil P/N 28880.
Tachometers
The yellow wire on the HYFIRE® V Ignition Control provides a trigger
signal for tachometers, shift lights, or other add-on RPM activated
devices. This wire produces a 12 volts square wave signal with a 20%
duty cycle.
Some vehicles with factory tachometers may require a tach adapter
to work with the HYFIRE® V Ignition Control. If your GM vehicle uses
an inline filter, it may cause the tach to drop to zero on acceleration. If
this occurs, bypass the filter. For more information on tachometers,
see page 4.
Foreign Vehicles
Because of modern fuel injection systems, some foreign vehicles may
require a tachometer/fuel injection adapter to work with the HYFIRE®
V Ignition Control.
NOTE: Do not install the HYFIRE® V Ignition Control in any ve-
hicle that is originally equipped with a CD ignition control.
Spark Plugs
Using the correct spark plug and heat range is important for optimum
performance. Because there are so many variables to consider, we
suggest starting with your engine manufacturer’s spark plug recom-
mendation. From there, you can experiment with small changes in
plug gap and heat range to obtain the best performance from your
engine. We also recommend non-resistor spark plugs.
Spark Plug Wires
High quality, spiral wound wire and proper routing are essential to the
operation of the HYFIRE® V Ignition Control. This type of wire pro-
vides a good path for the spark to follow while minimizing electromag-
netic interference (EMI).
NOTE: Do not use solid core spark plug wires with the HYFIRE® V
Ignition Control.
Routing
Wires should be routed away from sharp edges, moving objects, and
heat sources. Wires that are next to each other in the engine’s firing
order should be separated. For example, in a Chevy V8 with a firing
order of 1-8-4-3-6-5-7-2, the #5 and #7 cylinders are positioned next
to each other on the engine as well as in the firing order. Voltage from
the #5 wire could jump to the #7 wire. This could cause detonation
and engine damage.
For added protection against cross-fire, Mallory offers PRO SHIELD
insulated sleeving. PRO SHIELD is a glass woven, silicone coated
protective sleeve that slides over your plug wires. It also helps reduce
damage from heat and sharp objects.
1 HYFIRE® V Ignition Control
4 #10 Sheet Metal Screws
2 Wire Ties
2 Ring Terminals, Insulated
1 1-amp/100 volt Diode
2 1/4" Tab Terminals
5 1/4" Male Disconnects
5 1/4" Female Disconnects
1 Rubber Grommet
2 Cable Clamps
1 Magnetic Pickup Extension
PARTS INCLUDED:


Similar Part No. - 585

ManufacturerPart #DatasheetDescription
logo
Littelfuse
585 LITTELFUSE-585 Datasheet
174Kb / 1P
Cap for Fuse Holders for 5x20mm Fuses
11/14/22
logo
Adafruit Industries
585 ADAFRUIT-585 Datasheet
116Kb / 2P
EL wire starter pack - Yellow 2.5 meter (8.2 ft)
7/24/2015
logo
Dialight Corporation
585 DIALIGHT-585 Datasheet
99Kb / 2P
CLUSTER BASED LED T3 1/4 Miniature Bayonet (BA9s)
585-1111 DIALIGHT-585-1111 Datasheet
21Kb / 1P
BASED LEDs-MULTI-CHIP
585-1121 DIALIGHT-585-1121 Datasheet
21Kb / 1P
BASED LEDs-MULTI-CHIP
More results

Similar Description - 585

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
IGNITION CONTROL CIRCUIT
Sep-1998
logo
Motorola, Inc
MC33094 MOTOROLA-MC33094 Datasheet
352Kb / 16P
IGNITION CONTROL
logo
Mallory performance clu...
686M MALLORY-686M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
686M MALLORY-686M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6014 MALLORY-6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com