Electronic Components Datasheet Search
  English  ▼

X  

628 Datasheet(PDF) 10 Page - Mallory performance club

Part # 628
Description  RPM ACTIVATED SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

628 Datasheet(HTML) 10 Page - Mallory performance club

Back Button 628 Datasheet HTML 4Page - Mallory performance club 628 Datasheet HTML 5Page - Mallory performance club 628 Datasheet HTML 6Page - Mallory performance club 628 Datasheet HTML 7Page - Mallory performance club 628 Datasheet HTML 8Page - Mallory performance club 628 Datasheet HTML 9Page - Mallory performance club 628 Datasheet HTML 10Page - Mallory performance club 628 Datasheet HTML 11Page - Mallory performance club 628 Datasheet HTML 12Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
PURPLE WIRES
NOT USED
PART NO. 628
BLACK WIRE
GROUND
GREEN WIRE
TACH TERMINAL
RED WIRE
12V IGN. SWITCH
ORANGE WIRES
OPTIONAL
SWITCH
B&M PRO
RATCHET SHIFTER
NEUTRAL SAFETY
TO 12V
TO STARTER
SWITCH
TO 12V
SHIFNOID
INTERFACE RELAY
COMMON
NORMALLY OPEN
NORMALLY CLOSED
87A
87
(NOT USED)
86
85
30
SHIFNOID WIRING
FOR A B & M RATCHET SHIFTER
W/SN5070 SOLENOID
FIGURE 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com