Electronic Components Datasheet Search
  English  ▼

X  

628 Datasheet(PDF) 3 Page - Mallory performance club

Part # 628
Description  RPM ACTIVATED SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

628 Datasheet(HTML) 3 Page - Mallory performance club

  628 Datasheet HTML 1Page - Mallory performance club 628 Datasheet HTML 2Page - Mallory performance club 628 Datasheet HTML 3Page - Mallory performance club 628 Datasheet HTML 4Page - Mallory performance club 628 Datasheet HTML 5Page - Mallory performance club 628 Datasheet HTML 6Page - Mallory performance club 628 Datasheet HTML 7Page - Mallory performance club 628 Datasheet HTML 8Page - Mallory performance club 628 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
RPM AND CYLINDER SETTING PRODEDURE
The Mallory Window RPM switch has two RPM settings: a lower RPM to activate the switch, and a higher RPM
to de-activate the switch. For example, suppose you have a nitrous system installed. You might want the nitrous
to only come on above a certain RPM, but to protect the engine, you want to shut it off at an RPM just above your
shift point.
Step 1
Remove the four screws that hold the top cover in place, and remove the cover.
Step 2
If you want 4 or 6 cylinder operation, click the 4 or 6 cylinder switch on the left side to the "ON" position. For 8
cylinder operation, both switches should be off.
Step 3
Set the lower and upper RPM values by selecting an RPM value in the thousands (left-hand switch) and an RPM
value in the hundreds (right-hand switch). Note that on the switch for the RPM value in the thousands A=10,000;
B=11,000 and C=12,000. NOTE: For proper operation, the upper RPM switch should be set at least 200 RPM
higher than the lower RPM switch. The RPM range is 1000 to 12,700 RPM for the low side, and 12,900 RPM
for the high side. If you do not want to use the high-side deactivation feature, set the high-side switches to 12,900
(C9).
Step 4
Replace the top cover and re-attach the screws.
HIGH RPM
LOW RPM
1000's
100's
0 1
9
01
EF
0 1
9
01
EF
ON
ON
4 CYL
6 CYL
FIGURE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com