Electronic Components Datasheet Search
  English  ▼

X  

THS8134B Datasheet(PDF) 13 Page - Texas Instruments

Part # THS8134B
Description  TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8134B Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS8134B Datasheet HTML 9Page - Texas Instruments THS8134B Datasheet HTML 10Page - Texas Instruments THS8134B Datasheet HTML 11Page - Texas Instruments THS8134B Datasheet HTML 12Page - Texas Instruments THS8134B Datasheet HTML 13Page - Texas Instruments THS8134B Datasheet HTML 14Page - Texas Instruments THS8134B Datasheet HTML 15Page - Texas Instruments THS8134B Datasheet HTML 16Page - Texas Instruments THS8134B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
THS8134, THS8134A, THS8134B
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
WITH TRI-LEVEL SYNC GENERATION
SLVS205D – MAY 1999 – REVISED MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions with fCLK = 80 MSPS and use
of internal reference voltage Vref, with R(FS) = R(FSnom) (unless otherwise noted) (continued)
analog (DAC) outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC resolution
8
8
bits
INL
Integral nonlinearity
Static, best fit
±0.2
±1.2
LSB
DNL
Differential nonlinearity
Static
±0.2
±1
LSB
PSRR
Power supply ripple rejection ratio of DAC
f = 100 kHz (see Note 4)
37
dB
PSRR
yj
output (full scale)
f = 1 MHz (see Note 4)
43
dB
XTALK
Crosstalk between channels
f up to 30 MHz, (see Note 5)
–55
dB
VO(ref)
Voltage reference output
1.30
1.35
1.40
V
ro(VREF)
VREF output resistance
7K
11K
15K
W
G(DAC)
DAC gain factor
See
Table 4
Imbalance between DACs, (KIMBAL)
See Note 6
±5%
Imbalance between positive and negative sync,
(KIMBAL(SYNC))
See Note 6
±2%
VO(
C)
DAC output compliance voltage (sync+video)
RL = 37.5 Ω, See Note 7
1
1.2
V
VO(DAC)
DAC output compliance voltage (sync+video)
RL = 75 Ω, See Note 7
2
2.4
V
Internal reference
AGY
24
26.67
28
GBR sync-on-green and YPbPr sync-on-Y/sync-
Internal reference
ABPb and ARPr
17.3
18.67
19.7
mA
yg
y
y
on-all
External reference
AGY
24.9
26.67
27.2
mA
I(S)
External reference
ABPb and ARPr
17.5
18.67
19.3
I(FS)
Internal reference
AGY
24
26.67
28
GBR sync on all
Internal reference
ABPb and ARPr
24
26.67
28
mA
GBR sync-on-all
External reference
AGY
24.9
26.67
27.2
mA
External reference
ABPb and ARPr
24.9
26.67
27.2
ro
DAC output resistance
See Note 10
57
92
k
Ω
CO
DAC output capacitance (pin capacitance)
8
pF
tr(DAC)
DAC output current rise time
10% to 90% of full scale
2
ns
tf(DAC)
DAC output current fall time
10% to 90% of full scale
2
ns
td(A)
Analog output delay
Measured from CLK=VIH(min) to 50% of full-scale
transition, See Note 8
9
ns
tS
Analog output settling time
Measured from 50% of full scale transition on output
to output settling, within 2%, See Note 9
5
9
ns
SNR
Signal -to-noise ratio
1 MHz, –1 dBFS digital sine input, measured from
0 MHz to 8.8 MHz
53
dB
SFDR
Spurious-free dynamic range
1 MHz, –1 dBFS digital sine input, measured from
0 MHz to 8.8 MHz
62
dB
BW(1 dB)
Bandwidth
See Note 11
40
MHz
NOTES:
4. PSRR is measured with a 0.1
µF capacitor between the COMP and AVDD terminal; with a 0.1 µF capacitor connected between the VREF terminal and
AVSS. The ripple amplitude is within the range 100 mVp-p to 500 mVp-p with the DAC output set to full scale and a double-terminated 75
Ω (=37.5 Ω)
load. PSRR is defined as 20
× log(ripple voltage at DAC output/ripple voltage at AVDD input). Limits from characterization only.
5.
Crosstalk spec applies to each possible pair of the 3 DAC outputs. Limits from characterization only.
6.
The imbalance between DACs applies to all possible pairs of the three DACs. KIMBAL is assured over full temperature range. In parts labeled
THS8134CPHP, KIMBAL(SYNC) is assured at 25°C. In parts labeled THS8134ACPHP, KIMBAL(SYNC) is assured over the full temperature range.
7.
Nominal values at R(FS) = R(FSnom) : Maximum values at R(FS) = R(FSnom) ÷ 1.2. Maximum limits from characterization only.
8.
This value excludes the digital process delay, td(D). Limit from characterization only.
9.
Maximum limit from characterization only
10.
Limit from characterization only
11.
This bandwidth relates to the output amplitude variation in excess of the droop from the sinx/x sampled system. Since the output is a sample-and-hold
signal, a sin(
π × Fin ÷ Fclk) ÷ (π × Fin ÷ Fclk) roll-off is observed, which accounts e.g. at Fin = 40 MHz and Fclk = 80 MSPS for –3.92 dB signal drop (sync
droop). The total DAC output variation (device droop) consists of this and an additional amount (excess droop) caused by the output impedance of the
device, as shown in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com