Electronic Components Datasheet Search
  English  ▼

X  

THS8134B Datasheet(PDF) 2 Page - Texas Instruments

Part # THS8134B
Description  TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8134B Datasheet(HTML) 2 Page - Texas Instruments

  THS8134B Datasheet HTML 1Page - Texas Instruments THS8134B Datasheet HTML 2Page - Texas Instruments THS8134B Datasheet HTML 3Page - Texas Instruments THS8134B Datasheet HTML 4Page - Texas Instruments THS8134B Datasheet HTML 5Page - Texas Instruments THS8134B Datasheet HTML 6Page - Texas Instruments THS8134B Datasheet HTML 7Page - Texas Instruments THS8134B Datasheet HTML 8Page - Texas Instruments THS8134B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
THS8134, THS8134A, THS8134B
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
WITH TRI-LEVEL SYNC GENERATION
SLVS205D – MAY 1999 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Finally the input format can be either 3
×8 bit 4:4:4, 2×8 bit 4:2:2, or 1×8 bit 4:2:2. This enables a direct interface
to a wide range of video DSP/ASICs including parts generating ITU-BT.656 formatted output data.
AVAILABLE OPTIONS
TA
PACKAGE
TA
TQFP-48 PowerPAD
THS8134CPHP†
0
°C to 70°C
THS8134ACPHP‡
THS8134BCPHP‡
† In the THS8134CPHP, the KIMBALmaximum specification is
assured over full temperature range and the KIMBAL(SYNC)
maximum specification is assured at 25
°C. The position of
the blanking level is as shown in Table 1.
‡ In the THS8134ACPHP and the THS8134BCPHP, both the
KIMBALmaximum specification and the KIMBAL(SYNC)
maximum specification are assured over the full temperature
range. The position of the blanking level is as shown in
Table 1.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
PIN
I/O
DESCRIPTION
ABPb
45
O
Analog red, green and blue respectively Pr, Y and Pb current outputs, capable of directly driving a doubly
AGY
41
O
terminated 75-
Ω coaxial cable.
ARPr
43
O
AVDD
40,44
I
Analog power supply (5 V
±10%). All AVDD terminals must be connected.
AVSS
42,46
I
Analog ground
BLANK
23
I
Blanking control input, active low. A rising edge on CLK latches BLANK. When asserted, the ARPr, AGY and
ABPb outputs are driven to the blanking level, irrespective of the value on the data inputs. SYNC takes
precedence over BLANK, so asserting SYNC (low) while BLANK is active (low) will result in sync generation.
BPb0–BPb7
8–1
I
Blue or Pb pixel data input bus. Index 0 denotes the least significant bit. Refer to functional description for
different operating modes.
CLK
26
I
Clock input. A rising edge on CLK latches RPr0-7, GY0-7, BPb0-7, BLANK, SYNC, and SYNC_T. The M2 input is
latched by a rising edge on CLK also, but only when additional conditions are satisfied, as explained in its
terminal description.
COMP
39
O
Compensation terminal. A 0.1
µF capacitor must be connected between COMP and AVDD.
DVDD
12
I
Digital power supply (3-V to 5-V range)
DVSS
11
I
Digital ground
FSADJ
38
I
Full-scale adjust control. The full-scale current drive on each of the output channels is determined by the value of
a resistor RFS connected between this terminal and AVSS. The nominal value of RFS is 430 Ω, corresponding to
26.67 mA full-scale current. The relationship between RFS and the full-scale current level for each operation
mode is explained in the functional description.
GY0–GY7
34–27
I
Green or Y pixel data input bus. Index 0 denotes the least significant bit. Refer to functional description for
different operating modes.
M1
47
I
Operation mode control 1. M1 is directly interpreted by the device (it is not latched by CLK). M1 configures device
according to Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com