| Electronic Components Datasheet Search |
|
667C Datasheet(PDF) 1 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
667C Datasheet(HTML) 1 Page - Mallory performance club |
|
1 / 8 page ![]() GENERAL INFORMATION The RPM limiter in the HYFIRE® VIIC Ignition System is not recommended as an engine speed governor. The use of the RPM limiters is not recommended for applications equipped with a catalytic converter. Similarly, forcing engine RPM past the RPM limiter continuously for long sustained intervals can cause problems resulting from fuel build up in the exhaust system that may adverse- ly affect the application. Ignition Ballast Resistor / Loom Resistance Wire The HYFIRE® VIIC Ignition Ignition’s performance is not affected by the pres- ence of the factory ignition resistors or ignition ballast resistors in the wire from the ignition switch. It is not necessary to install ignition ballast resistors as specified by the instructions for the particular distributor. Ignition Coils The HYFIRE® VIIC Ignition Systems is designed to work with Mallory PRO- MASTER® Coil Part No. 28880. Avoid using any other type of ignition coil. Spark Plug Wires YOU MUST USE suppression type (carbon core, spiral core) spark plug wire. We recommend spiral core ignition wire, such as Mallory PRO SIDEWINDER ® Ignition Wire. Suppression type spark plug wires prevent false triggering and the possibility of premature ignition or accessory failures. DO NOT USE solid core (copper core; stainless steel core) spark plug wire with any electronic ignition system or accessory. Solid core spark plug wire is one cause of electro-magnetic interference (EMI; ignition noise). EMI is one cause of false triggering (preignition; spark scatter) and pre- mature ignition or accessory failures. ® HYFIRE® VIIC PRO CD IGNITION SYSTEM Part No. 667C 4-12 Cylinder 6 Cylinder Odd-Fire Notice: This product is legal to sell, distribute or install on vehicles in California. Executive Order D-70-6. The HYFIRE ® VII Pro CD Ignition Controls are not compatible with distributorless systems or positive ground appli- cations. The HYFIRE ® VII Ignition System is not designed for marine use. Spark Plug Gaps For street applications, use your engine manufacturer’s specifications. For racing applications, start with your engine manufacturer’s specifications, then experiment with and closely monitor various gaps to achieve maximum per- formance. Electric Welding Disconnect the HYFIRE ® VIIC Ignition System and unplug any distributor har- nesses (if possible) before any welding is done on the vehicle. External RPM Limiters Mallory RPM Limiter Part Nos. 641-4, 641-6, 641-8, 642, 643 and 644 WILL NOT function with the HYFIRE ® VII Ignition Systems. Mallory PRO TACH ® I, IV and IV The tachometer and shift light will work with the HYFIRE ® VII Ignition Systems. However, the RPM limiter WILL NOT function with the HYFIRE ® VII Ignition Systems. Turn the LIMIT RPM knob slightly past 11,000 to prevent the RPM limiter from interfering with the tachometer’s other functions. 1 MOUNTING PROCEDURE Step 1 Disconnect the battery (–) cable to cut power to the system. Step 2 Select a convenient location to mount the HYFIRE ® VII Ignition System. Keep the unit away from hot engine components or extreme heat such as the exhaust system and manifolds. Keep the unit away from moving devices, such as fans, belts and linkages. The location must be dry. Moisture will dam- age components inside the unit. Step 3 Mounting to a flat surface with shock mounts • Hold the unit in its mounting position and center punch the mounting pat- tern on the mounting surface for drilling mounting holes. Drill mounting holes using a 9/32" drill bit. • Install the shock mounts into the bottom plate of the unit. Hold the unit in position where it will be mounted. • From the backside of the mounting surface, insert the washers and the 1/4-20 nylock nuts onto the shock mount studs. Tighten each nut until snug. FORM 1460 (REV. C) 5/00 INSTALLATION INSTRUCTIONS |
Similar Part No. - 667C |
|
Similar Description - 667C |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |