Electronic Components Datasheet Search
  English  ▼

X  

667C Datasheet(PDF) 2 Page - Mallory performance club

Part # 667C
Description  HYFIRE VIIC PRO CD IGNITION SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

667C Datasheet(HTML) 2 Page - Mallory performance club

  667C Datasheet HTML 1Page - Mallory performance club 667C Datasheet HTML 2Page - Mallory performance club 667C Datasheet HTML 3Page - Mallory performance club 667C Datasheet HTML 4Page - Mallory performance club 667C Datasheet HTML 5Page - Mallory performance club 667C Datasheet HTML 6Page - Mallory performance club 667C Datasheet HTML 7Page - Mallory performance club 667C Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WIRING PROCEDURE
Step 1
Ensure that your vehicle is equipped with a ground cable between the engine
block and firewall (10 gauge or larger is required). Refer to Figure 1 while per-
forming the following steps.
• Connect the HEAVY RED wire to the 12-volt battery (+) post or battery
(+) terminal on the starter solenoid.
• Connect the HEAVY BLACK wire to engine or chassis ground.
• Connect wires between the COIL (+) and (–) terminals.
• Connect 12-volts from ignition switch to the +12V terminal.
• Connect the tach/RPM sensing wire and optional external RPM control to
sockets.
Step 2
When wiring the HYFIRE
® VIIC Pro CD Ignition System to an electronic igni-
tion or magnetic pickup, refer to Figures 2 and 3, and trace wires for hookup.
YOU MUST USE suppression type
spark plug wire (carbon core, spiral
core) to help prevent false
triggering and premature ignition
or accessory failures. DO NOT USE
solid core (copper core, stainless
steel core) spark plug wire .
YOU MUST USE Mallory
PROMASTER® Coil Part
No. 28880 with this
ignition system.
12V / IGNITION SWITCH
+
STARTER
SOLENOID
(–) 12V/BATTERY (+)
ENGINE OR
CHASSIS
GROUND
TO THE STARTER
(TYPICAL)
ENGINE OR
CHASSIS
GROUND
HEAVY RED
IGNITION BALLAST
RESISTOR
AN IGNITION BALLAST RESISTOR
IS NOT REQUIRED FOR PROPER
OPERATION OF THE HYFIRE® VIIC.
IF ONE IS ALREADY INSTALLED,
DO NOT REMOVE IT. IF A BALLAST
RESISTOR IS NOT INSTALLED, DO
NOT ADD ONE.
DISCONNECT UNTIL INSTALLATION IS FINISHED
TACH / RPM
SENSING WIRE
12V / BATTERY OR
BATTERY TERMINAL
AT STARTER
SOLENOID
–
+
–
+
HYFIRE® VIIC PRO CD
IGNITION CONTROL
MAGNETIC PICKUP
POINTS
+12V
COIL
(REAR PANEL)
TACH
TO HYFIRE® VIIC
IGNITION CONTROL
HEAVY BLACK
ACTIVATION/RELAY
PLUG
2
FIGURE 1
SEE PAGE 4 FOR
INSTRUCTIONS
ON WIRING THE
RELAY PLUG
NOTE: The Ignition
Control
MUST be
connected for the
ignition to work.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com