Electronic Components Datasheet Search
  English  ▼

X  

667S Datasheet(PDF) 2 Page - Mallory performance club

Part # 667S
Description  VIIS SPORTSMAN CD IGNITION SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

667S Datasheet(HTML) 2 Page - Mallory performance club

  667S Datasheet HTML 1Page - Mallory performance club 667S Datasheet HTML 2Page - Mallory performance club 667S Datasheet HTML 3Page - Mallory performance club 667S Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
WIRING PROCEDURE
Step 1
Ensure that your vehicle is equipped with a ground cable between the engine
block and firewall (10 gauge or larger is required). Refer to Figure 1 while
performing the following steps.
• Connect the HEAVY RED wire to the 12-volt battery (+) post or battery (+)
terminal on the starter solenoid.
• Connect the HEAVY BLACK wire to engine or chassis ground.
• Connect wires between the COIL (+) and (–) terminals.
• Connect 12-volts from ignition switch to the +12V terminal.
• Connect the tach/RPM sensing wire and optional external RPM control to
sockets.
Step 2
When wiring the HYFIRE® VIIS Pro CD Ignition System to an electronic ignition
or magnetic pickup, refer to Figures 2 and 3, and trace wires for hookup.
YOU MUST USE suppression type
spark plug wire (carbon core, spiral
core) to help prevent false
triggering and premature ignition
or accessory failures. DO NOT USE
solid core (copper core, stainless
steel core) spark plug wire.
YOU MUST USE Mallory
PROMASTER® Coil Part
No.
28880
with
this
ignition system.
12V / IGNITION
+
STARTER
SOLENOID
(–)
12V/BATTERY
(+)
ENGINE OR
CHASSIS
GROUND
TO THE STARTER
(TYPICAL)
ENGINE OR
CHASSIS
GROUND
HEAVY RED
IGNITION BALLAST
RESISTOR
AN IGNITION BALLAST RESISTOR
IS NOT REQUIRED FOR PROPER
OPERATION OF THE HYFIRE® VIIS.
IF ONE IS ALREADY INSTALLED,
DO NOT REMOVE IT. IF A BALLAST
RESISTOR IS NOT INSTALLED, DO
NOT ADD ONE.
DISCONNECT UNTIL INSTALLATION IS FINISHED
TACH / RPM
SENSING WIRE
12V / BATTERY OR
BATTERY TERMINAL
AT STARTER
SOLENOID
–
+
–
+
HYFIRE® VIIS CD
IGNITION SYSTEM
MAGNETIC PICKUP
POINTS
+12V
COIL
(FRONT PANEL)
TACH
TO OPTIONAL HYFIRE®
VIIC EXTERNAL CONTROL
PART NO. 674 (IF USED)
HEAVY BLACK
ACTIVATION PLUG
(SEE PAGE 4)
–
FIGURE 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com