Electronic Components Datasheet Search
  English  ▼

X  

667S Datasheet(PDF) 3 Page - Mallory performance club

Part # 667S
Description  VIIS SPORTSMAN CD IGNITION SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

667S Datasheet(HTML) 3 Page - Mallory performance club

  667S Datasheet HTML 1Page - Mallory performance club 667S Datasheet HTML 2Page - Mallory performance club 667S Datasheet HTML 3Page - Mallory performance club 667S Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
HOOKUP TO A MALLORY UNILITE® IGNITION, MAGNETIC BREAKERLESS IGNITION OR ELECTRONIC
ADVANCE IGNITION (THREE WIRE: RED, BROWN, GREEN)
Figure 2
–
+
–
+
HYFIRE® VIIS CD
IGNITION CONTROL
MAGNETIC PICKUP
POINTS
+12V
COIL
(FRONT PANEL)
TACH
JUMPER
WIRE
12V / IGNITION
SWITCH
ENGINE GROUND
BROWN
RED
IGNITION
MODULE
FEMALE
CONNECTOR
GREEN
DISTRIBUTOR WIRE HARNESS
PART NO. 29349
ENGINE OR
CHASSIS
GROUND
ENGINE OR
CHASSIS
GROUND
HEAVY BLACK
(REAR
PANEL)
HEAVY RED
+
(-)
(+)
12V/BATTERY
YOU MUST USE Mallory
PROMASTER® Coil Part No.
28880 with this ignition system
YOU MUST USE suppression type
spark plug wire (carbon core, spiral
core) to help prevent false
triggering and premature ignition
or accessory failures. DO NOT USE
solid core (copper core, stainless
steel core) spark plug wire.
IGNITION BALLAST RESISTOR
AN IGNITION BALLAST RESISTOR IS NOT
REQUIRED FOR PROPER OPERATION OF THE
HYFIRE® VIIs. IF ONE IS ALREADY INSTALLED,
DO NOT REMOVE IT. IF A BALLAST RESISTOR
IS NOT INSTALLED, DO NOT ADD ONE.
TO OPTIONAL HYFIRE®
VIIC EXTERNAL
CONTROL PART NO. 674
(IF USED)
–
ACTIVATION PLUG
(SEE PAGE 4)
FIGURE 3
HOOKUP TO A MALLORY UNILITE® IGNITION, MAGNETIC BREAKERLESS IGNITION, OR ELECTRONIC
ADVANCE IGNITION (3-WIRE: RED, BROWN, GREEN)
TO OPTIONAL HYFIRE® VIIC
EXTERNAL CONTROL PART
NO. 674 (IF USED)
12V /
IGNITION
MAGNETIC PICKUP DISTRIBUTOR OR CRANK TRIGGER IGNITION
MAG+
MALLORY BILLET COMPETITION DISTRIBUTOR SERIES NOS. 81 AND 84
ORANGE
PURPLE
MALLORY C0MP 9000® SERIES NOS. 96-99
ORANGE
PURPLE
MALLORY CRANK TRIGGER OR WIRE HARNESS PART NO. 29787
PURPLE
GREEN
MALLORY DISTRIBUTOR WIRE HARNESS PART NO. 29788
ORANGE
PURPLE
MALLORY HARNESS PART NO. 29040
RED
BLACK
MSD™ CRANK TRIGGER OR WIRE HARNESS PART NOS. 8859 OR 8860
PURPLE
GREEN
MSD™ CRANK TRIGGER (OLD STYLE)
ORANGE
BLACK
MSD™ DISTRIBUTOR
ORANGE
PURPLE
MOROSO™ CRANK TRIGGER
BLACK
WHITE
MOROSO™ DISTRIBUTOR
ORANGE
PURPLE
ACCEL® CRANK TRIGGER
BLACK
WHITE
CHRYSLER ELECTRONIC DISTRIBUTOR (NON-COMPUTER)
ORANGE
BLACK
FORD DURASPARK DISTRIBUTOR (NON-COMPUTER)
ORANGE
PURPLE
GM/DELCO HEI DISTRIBUTOR (NON-COMPUTER)
WHITE
GREEN
MAG–
MAGNETIC PICKUP DISTRIBUTOR OR
CRANK TRIGGER WIRE COLORS
YOU MUST USE Mallory
PROMASTER® Coil Part
No.
28880
with
this
ignition system
IGNITION BALLAST RESISTOR
AN IGNITION BALLAST RESISTOR
IS NOT REQUIRED FOR PROPER
OPERATION OF THE HYFIRE® VIIS.
IF ONE IS ALREADY INSTALLED, DO
NOT REMOVE IT. IF A BALLAST
RESISTOR IS NOT INSTALLED, DO
NOT ADD ONE.
HEAVY RED
(-)
(+)
12V/BATTERY
–
+
–
+
HYFIRE® VIIS CD
IGNITION CONTROL
MAGNETIC PICKUP
POINTS
+12V
COIL
(FRONT PANEL)
TACH
HEAVY BLACK
ENGINE OR
CHASSIS
GROUND
ENGINE OR
CHASSIS
GROUND
(REAR
PANEL)
TWIST WIRES
TOGETHER TO
REDUCE EMI
+
–
ACTIVATION PLUG
(SEE PAGE 4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com