Electronic Components Datasheet Search
  English  ▼

X  

28675 Datasheet(PDF) 3 Page - Mallory performance club

Part # 28675
Description  IGNITION COILS AND MARK II IGNITION COILS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

28675 Datasheet(HTML) 3 Page - Mallory performance club

  28675 Datasheet HTML 1Page - Mallory performance club 28675 Datasheet HTML 2Page - Mallory performance club 28675 Datasheet HTML 3Page - Mallory performance club 28675 Datasheet HTML 4Page - Mallory performance club 28675 Datasheet HTML 5Page - Mallory performance club 28675 Datasheet HTML 6Page - Mallory performance club 28675 Datasheet HTML 7Page - Mallory performance club 28675 Datasheet HTML 8Page - Mallory performance club 28675 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
+
–
+
–
+
–
BREAKER POINT IGNITION
SINGLE OR DUAL POINTS
(USE THIS DIAGRAM FOR VOLTMASTER MARK II
IGNITION COIL WIRING)
®
ALL OTHER WIRES ORIGINALLY
CONNECTED TO THE COIL (+) TERMINAL
MALLORY BALLAST RESISTOR
PART NO. 700
12V / IGNITION
SWITCH
FACTORY IGNITION BALLAST RESISTOR,
LOOM RESISTANCE WIRE OR
MALLORY BALLAST RESISTOR PART NO. 700
TO DISTRIBUTOR POINTS
TO THE DISTRIBUTOR CAP
SUPPRESSION WIRE
FACTORY IGNITION BALLAST RESISTOR,
LOOM RESISTANCE WIRE OR
MALLORY BALLAST RESISTOR PART NO. 700
12V / IGNITION
SWITCH
DISTRIBUTOR WIRE HARNESS
PART NO. 29349
ALL OTHER WIRES ORIGINALLY
CONNECTED TO THE COIL (+) TERMINAL
MALLORY ELECTRONIC IGNITION
UNILITE ELECTRONIC IGNITION, MAGNETIC
BREAKERLESS IGNITION AND ELECTRONIC
ADVANCE IGNITION
®
IGNITION
MODULE
FEMALE
CONNECTOR
TO ENGINE
OR CHASSIS
GROUND
BROWN
RED
GREEN
TO THE DISTRIBUTOR CAP
SUPPRESSION WIRE
MOTORCRAFT/DURASPARK IGNITION
FORD, LINCOLN, MERCURY,
AMC AND JEEP
FACTORY COIL CONNECTOR
(ORIGINALLY CONNECTED
TO THE COIL)
TO THE DISTRIBUTOR CAP
SUPPRESSION WIRE
NOTE: DO NOT USE THE IGNITION BALLAST RESISTOR SUPPLIED WITH
THE PROMASTER COIL WITH THIS IGNITION SYSTEM.
®
y
x
FORD,
RED/LT. GRN
DK. GRN/YEL., OR
LINCOLN
LT. GRN/RED
AND
MERCURY
AMC AND
YELLOW
DK. GREEN
JEEP
y
x
CHRYSLER ELECTRONIC IGNITION
FACTORY WIRES
(ORIGINALLY CONNECTED TO THE COIL)
+
–
BROWN
BLK/YEL
TO THE DISTRIBUTOR CAP
SUPPRESSION WIRE
NOTE: DO NOT USE THE IGNITION BALLAST RESISTOR SUPPLIED WITH
THE PROMASTER COIL WITH THIS IGNITION SYSTEM.
®
NOTE: IF YOUR VEHICLE IS EQUIPPED WITH A HYFIRE ELECTRONIC IGNITION CONTROL OR SIMILAR AFTERMARKET IGNITION CONTROL,
USE IGNITION BALLAST RESISTORS AND WIRING PROCEDURES AS STATED IN THE INSTRUCTIONS FOR THE PARTICULAR IGNITION CONTROL.
®
NOTE: IF YOUR VEHICLE IS EQUIPPED WITH A HYFIRE ELECTRONIC IGNITION CONTROL OR SIMILAR AFTERMARKET IGNITION CONTROL,
USE IGNITION BALLAST RESISTORS AND WIRING PROCEDURES AS STATED IN THE INSTRUCTIONS FOR THE PARTICULAR IGNITION CONTROL.
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com