Electronic Components Datasheet Search
  English  ▼

X  

TFB3869 Datasheet(PDF) 3 Page - Gunter Seniconductor GmbH.

Part # TFB3869
Description  Subscriber Line Interface Circuit (SLIC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TFB3869 Datasheet(HTML) 3 Page - Gunter Seniconductor GmbH.

  TFB3869 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 9Page - Gunter Seniconductor GmbH. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Configuration
1
- HK
Negative output for transmitter direction
2
n. c.
This pin is internally used. It is not permitted to connect any external components.
3
ISET
Control input for loop current
4
ZOUT
Output, network for hybrid function
5
ZIN
Input, network for hybrid funktion
6
ET
Output, ground key detection
7
LD
Output, loop current detection
8
LA
Line output
9
n. c.
This pin is internally used. It is not permitted to connect any external components.
10
VBAT
Negative supply voltage
11
LB
Line output
12
n. c.
This pin is internally used. It is not permitted to connect any external components.
13
GND
Ground
14
n.c.
This pin is internally used. It is not permitted to connect any external components.
15
+CR
External capacitor for AC/DC selction
16
-CR
External capacitor for AC/DC selction
17
+MIC
Positive input for receive direction
18
- MIC
Negative input for receive direction
19
VCC
Positive supply voltage
20
+HK
Positive output for transmitter direction
Pin Description
VBAT
Supply voltage -24 V
VCC
Supply voltage +5 V
GND
Ground
ISET
Control input for loop current
Voltage drop on grounded resistor of 23,3 V.
LA, LB
Subscriber line, ILA/LB = 120 (ISET) = 120
.
The subscriber line current is determined by the ISET current.
+MIC; -MIC
Differential input for the receive direction
The input resistance is 10 k
Ω per pin, the output voltage in receive direction line
is four times the MIC voltage.
+HK; -HK
Differential output for the transmitter direction with unit gain of the input signal of the
subscriber line with common mode offset voltage of + 2.5 V
ZIN
Current node input for hybrid amplifier
ZNB = 50 (sum)
ZOUT
Driver output for hybrid function
ET
Logic output for ground key detection (low-aktiv)
LD
Logic output for loop current detection (low-aktiv)
+CR; -CR
External capacitor for hybrid function
All Pin are ESD protected except PIN 2, 9, 12 and 14.
09/00
TFB3869T
2
23.3 V
RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com