Electronic Components Datasheet Search
  English  ▼

X  

TFB3869 Datasheet(PDF) 13 Page - Gunter Seniconductor GmbH.

Part # TFB3869
Description  Subscriber Line Interface Circuit (SLIC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TFB3869 Datasheet(HTML) 13 Page - Gunter Seniconductor GmbH.

Back Button TFB3869 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 9Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 10Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 11Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 12Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 13Page - Gunter Seniconductor GmbH. TFB3869 Datasheet HTML 14Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Loop Conditions
Loop conditions
LD
ET
Loop connected, no gound key
High
High
Loop connected, ground key aktiv
High
Low
Loop disconnected, no ground key
Low
High
Loop Detection
Condition for switching of the logic output LD:
ISCHL * RL = VBAT - 5V
Status of the logic output LD depending on loop current:
LD = Low
LD = High
ISCHL * RL > VBAT - 5V
ISCHL * RL < VBAT - 5V
Loop Resistance
The useable loop resistance can be calculated as follows:
In accordance with the conditions menioned above a reliable loop detection will be guaranteed for a closed loop
resistance value lower than 815
Ω.
09/00
TFB3869T
12
RL <
(VBAT - 5V)
ISCHL
RL <
(VBAT - 5V)
120 * 23.3V
* RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com