Electronic Components Datasheet Search
  English  ▼

X  

SF5503 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SF5503
Description  418.00 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5503 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SF5503 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5503 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
418.00 MHz SAW Filter
Phone: +86 (10) 5820 3910
Fax: +86 (10) 5820 3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2007 by Vanlong Technology Co., Ltd.
SF5503
•
Designed to Provide Front-end Selectivity in 418.00 MHz
•
Low-Loss, Coupled-Resonator Quartz Design
•
Simple External Impedance Matching
•
Ultra Miniature Ceramic QCC8C SMD Package
•
Complies with Directive 2002/95/EC (RoHS Compliant)
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
Input Power Level
Pin
10
dBm
DC Voltage VDC Between Any Two Pins
VDC
12
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Nominal Frequency (at 25
°C)
(Center frequency between 3dB point)
fC
NS
418.00
NS
MHz
Insertion Loss Attenuation
IL
-
3.5
5.5
dB
3dB Passband
BW3
-
600
800
KHz
Passband Ripple
-
-
-
±1.0
dB
At fC - 21.4 MHz (Image)
-
35
45
-
dB
At fC - 10.7 MHz (LO)
-
20
30
-
dB
Rejection
Ultimate
-
-
60
-
dB
Operating Temperature Range
TC
-10
-
+60
°C
Turnover Temperature
TO
25
-
55
°C
Turnover Frequency
fO
-
fC
-
MHz
Temperature Stability
Frequency Temperature Coefficient
FTC
-
0.032
-
ppm/C
2
Frequency Aging
Absolute Value during the First Year
|fA|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
Ω
NS = Not Specified
Notes:
1.
The frequency fC is defined as the midpoint between the 3dB
frequencies.
2.
Unless noted otherwise, all measurements are made with the filter
installed in the specified test fixture that is connected to a 50
Ω test
system with VSWR
≤ 1.2:1. The test fixture L and C are adjusted
for minimum insertion loss at the filter center frequency, fC. Note
that insertion loss, bandwidth, and passband shape are dependent
on the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire
specified operating temperature range.
4.
Frequency aging is the change in fC with time and is specified at
+65
°C or less. Aging may exceed the specification for prolonged
temperatures above +65
°C. Typically, aging is greatest the first
year after manufacture, decreasing in subsequent years.
5.
Turnover temperature, T0, is the temperature of maximum (or
turnover) frequency, f0. The nominal frequency at any case
temperature, TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)
2].
6.
The specifications of this device are based on the test circuit
shown above and subject to change or obsolescence without
notice.
7.
All equipment designs utilizing this product must be approved by
the appropriate government agency prior to manufacture or sale.
8.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
9.
For questions on technology, prices and delivery please contact
our sales offices or e-mail sales@vanlong.com.
SF5503


Similar Part No. - SF5503

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF550 DYELEC-SF550 Datasheet
749Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SF550 ZSELEC-SF550 Datasheet
97Kb / 2P
.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
List of Unclassifed Man...
SF5501 ETC-SF5501 Datasheet
117Kb / 2P
401.65 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5501 VANLONG-SF5501 Datasheet
123Kb / 2P
401.65 MHz SAW Filter
SF5502 VANLONG-SF5502 Datasheet
53Kb / 2P
406.025 MHz SAW Filter
More results

Similar Description - SF5503

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR3102 RFM-DR3102 Datasheet
208Kb / 5P
418.00 MHz Transceiver Module
TR3002 RFM-TR3002 Datasheet
86Kb / 12P
418.00 MHz Hybrid Transceiver
logo
Vanlong Technology Co.,...
SF418 VANLONG-SF418 Datasheet
190Kb / 2P
418.00 MHz SAW Filter
SQ418 VANLONG-SQ418 Datasheet
121Kb / 2P
418.00 MHz Two-Port SAW Resonator
SR418 VANLONG-SR418 Datasheet
89Kb / 2P
418.00 MHz One-Port SAW Resonator
SR418B VANLONG-SR418B Datasheet
88Kb / 2P
418.00 MHz One-Port SAW Resonator
SR5504 VANLONG-SR5504 Datasheet
85Kb / 2P
418.00 MHz One Port SAW Resonator
SR5505 VANLONG-SR5505 Datasheet
92Kb / 2P
418.00 MHz One Port SAW Resonator
logo
Murata Manufacturing Co...
TR3002 MURATA-TR3002 Datasheet
415Kb / 12P
418.00 MHz Hybrid Transceiver
DR7002-DK MURATA-DR7002-DK Datasheet
43Kb / 1P
418.00 MHz Development Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com