Electronic Components Datasheet Search
  English  ▼

X  

SF5503 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SF5503
Description  418.00 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5503 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SF5503 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5503 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
418.00 MHz SAW Filter
Phone: +86 (10) 5820 3910
Fax: +86 (10) 5820 3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2007 by Vanlong Technology Co., Ltd.
SF5503
Package Dimensions (QCC8C)
Marking
Test Circuit
Typical Frequency Response
Electrical Connections
Terminals
Connection
1
Input
2
Input Ground
5
Output
6
Output Groud
3,7
To be Grounded
4,8
Case Ground
Package Dimensions
Dimensions
Nom (mm)
Dimensions
Nom (mm)
A
2.08
E
1.20
B
0.60
F
1.35
C
1.27
G
5.00
D
2.54
H
5.00
F550 3
418. 0
YWW
1. F5503 - Part Code
2. Frequency (MHz) in 5 digits
3. Date Code:
Y : Last digit of year
WW : Week No.
C = 15 pF
Ls1 = Ls2 = 68 nH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com