Electronic Components Datasheet Search
  English  ▼

X  

SWFC6145A Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SWFC6145A
Description  Mini Single Window Single Mode Fiber Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFC6145A Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SWFC6145A Datasheet HTML 1Page - OPLINK Communications Inc. SWFC6145A Datasheet HTML 2Page - OPLINK Communications Inc. SWFC6145A Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Performance Specifications
Mini Single Window Single Mode
Fiber Coupler
Features
Wavelength Independent
Miniature Package
Low Insertion Loss and PDL
High Power Handling
Guaranteed Reliability
Applications
Signal Monitoring in EDFA
Network Monitoring
CATV
Local Area Networks
Testing Instruments
Laboratory R&D
Mini SWFC Series
Oplink Communications, Inc.
R3.20070823
Mini Single Window Single Mode Fiber Coupler
The Oplink mini fused single window wideband fiber 1x2 (2x2) couplers provide
accurate optical signal coupling and splitting over wide bandwidth with high
performance and high reliability in miniature or sub-miniature package. These
couplers have excellent uniformity, low excess loss and very low polarization
sensitivity and are available with various tap ratios, wavelength ranges, fiber
types, and connector options. The small form factor with reduced cladding fiber
is essential for compact system integration. All devices are shown to be able to
handle high optical power up to 4W and are tested according to industry stan-
dard procedures. Reliability is guaranteed through stringent tests to fully meet
Telcordia GR-1221 requirements.
Oplink can provide customized designs to meet specialized feature applications. Also,
Oplink offers modular assemblies that integrate other components to form a full
functionmodule or subsystem.
Port 1 In
L
Ø
Port 2 Main (High%)
Port 3 Tap (Low%)
Port 4 (terminated for
1x2 configuration)
1. Under all states of polarization and within the full operating temperature and wavelength ranges specified, not include contribution
from connectors.
2. Temperature Sensitivity Coefficient ~0.002dB/°C at the range of -5 to 75°C
3. Operating temperature range changes to -5 to 75°C in P2, P3 package and all package with connectors
4. The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Parameter
980nm
1310nm
S band
C band
L band
C+L band
Operating Wavelength Range
Corning
Corning SMF-28
HI980
Fiber Type
Corning RC SMF-28
HI1060
OFSBF05635-02
Insertion loss 1
See Insertion Loss Table I, II, III
55 dB
min
Return Loss
55 dB
min
Directivity
Temperature dependent Loss
2 max
4 W
max
Optical Power Tolerance
Operating Temperature Range3
-40 to 75 °C
-40 to 85 °C
Storage Temperature Range
P5: 250µm SMF-28 fiber, Miniature
(Ø)3.0 x (L)35 mm
P8: 80µm RC SMF-28, Subminiature
(Ø)3.0 x (L)28 mm
Telcordia GR-1221
Qualifications
Signal Path:
< 0.10dB,Tap Path: < 0.15dB
nm
970~990
1270~1350
1420~1500 1530~1565
1570~1605 1530~1610


Similar Part No. - SWFC6145A

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFC6145 OPLINK-SWFC6145 Datasheet
303Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
More results

Similar Description - SWFC6145A

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DWFC0150P00L011 OPLINK-DWFC0150P00L011 Datasheet
278Kb / 2P
Dual Window Single Mode Wideband Fiber Coupler
MMFC1150P0011 OPLINK-MMFC1150P0011 Datasheet
198Kb / 2P
Multi-Mode Single Window Wideband Fiber Coupler
SWFC9101P OPLINK-SWFC9101P Datasheet
303Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
Single Window Single-Mode Wideband Fiber Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWFC OPLINK-SWFC Datasheet
188Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com