Electronic Components Datasheet Search
  English  ▼

X  

SWFC6145A Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # SWFC6145A
Description  Mini Single Window Single Mode Fiber Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFC6145A Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  SWFC6145A Datasheet HTML 1Page - OPLINK Communications Inc. SWFC6145A Datasheet HTML 2Page - OPLINK Communications Inc. SWFC6145A Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
MIni SWFC Series
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team
or account manager for your requirements and ordering information (510) 933-7200.
R3.20070824
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Interconnect
Amplification
RGB Laser Modules
0
0
Connector Type
None= 1
FC/PC= 2
FC/SPC= 3
FC/APC= 4
SC/PC= 5
SC/SPC= 6
SC/APC= 7
ST= 8
LC= 9
MU= A
SWFC
Fiber Length
1.0 meter= 1
1.5 meter= 5
2.0 meter= 2
0.5 meter= H
S band= 4
TapRatio
Mini Single Window Single Mode Fiber Coupler
1310nm= 3
980nm= 9
Type
Wavelength
2x2= 2
1x2= 1
Type
A Grade= A
P Grade= P
C+L band= 1
L band= 6
C band= 5
Package Type
P5= 5
P8= 8
Fiber Type
Corning SMF-28= 1
Corning HI1060= 6
Corning HI980= 9
OFS BF05635-02= 7
80µm RC SMF-28= 8* (P8 only)
Note: * 80µm RC SMF-28 fiber option is for bare
fiber only (no connectors).
50/50= 50
45/55= 45
40/60= 40
35/65= 35
30/70= 30
25/75= 25
20/80= 20
15/85= 15
10/90= 10
5/95= 05
3/97= 03
2/98= 02
1/99= 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com