Electronic Components Datasheet Search
  English  ▼

X  

TMS320C10 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320C10
Description  Wide-Band Analog Interface Circuit
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C10 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320C10 Datasheet HTML 45Page - Texas Instruments TMS320C10 Datasheet HTML 46Page - Texas Instruments TMS320C10 Datasheet HTML 47Page - Texas Instruments TMS320C10 Datasheet HTML 48Page - Texas Instruments TMS320C10 Datasheet HTML 49Page - Texas Instruments TMS320C10 Datasheet HTML 50Page - Texas Instruments TMS320C10 Datasheet HTML 51Page - Texas Instruments TMS320C10 Datasheet HTML 52Page - Texas Instruments TMS320C10 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
5–1
5
Typical Characteristics
Normalized Frequency
– 0.2
– 0.4
– 0.6
03
6
9
0
0.2
D/A AND A/D LOW-PASS FILTER
RESPONSE SIMULATION
0.4
12
15
TA = 25°C
Input =
± 3 V Sine Wave
Figure 5 –1
– 50
– 60
– 80
– 90
– 10
– 70
0
3
6
9
12
15
18
– 30
– 40
– 20
D/A AND A/D LOW-PASS FILTER
RESPONSE SIMULATION
0
21
24
27
30
TA = 25°C
Input =
± 3 V Sine Wave
See Figure 2-1
for Pass Band
Detail
Figure 5 –2
NOTE : Absolute Frequency (kHz)
+
Normalized Frequency
SCFf
clock
(kHz)
432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com