Electronic Components Datasheet Search
  English  ▼

X  

27L2AI Datasheet(PDF) 17 Page - Texas Instruments

Part # 27L2AI
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27L2AI Datasheet(HTML) 17 Page - Texas Instruments

Back Button 27L2AI Datasheet HTML 13Page - Texas Instruments 27L2AI Datasheet HTML 14Page - Texas Instruments 27L2AI Datasheet HTML 15Page - Texas Instruments 27L2AI Datasheet HTML 16Page - Texas Instruments 27L2AI Datasheet HTML 17Page - Texas Instruments 27L2AI Datasheet HTML 18Page - Texas Instruments 27L2AI Datasheet HTML 19Page - Texas Instruments 27L2AI Datasheet HTML 20Page - Texas Instruments 27L2AI Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS
™ PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052B – OCTOBER 1987 – REVISED AUGUST 1994
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
60
50
40
30
20
10
4
3
2
1
0
–1
–2
–3
–4
70
5
VIO – Input Offset Voltage – mV
0
–5
DISTRIBUTION OF TLC27L2
INPUT OFFSET VOLTAGE
P Package
TA = 25°C
VDD = 5 V
905 Amplifiers Tested From 6 Wafer Lots
Figure 7
–5
0
VIO – Input Offset Voltage – mV
5
70
–4
–3
–2
–1
0
1
2
3
4
10
20
30
40
50
60
DISTRIBUTION OF TLC27L2
INPUT OFFSET VOLTAGE
905 Amplifiers Tested From 6 Wafer Lots
VDD = 10 V
TA = 25°C
P Package
Figure 8
–10
0
αVIO – Temperature Coefficient – µV/°C
10
70
–8
–6
–4
–2
0
2
4
6
8
10
20
30
40
50
60
DISTRIBUTION OF TLC27LC AND TLC27L7
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
356 Amplifiers Tested From 8 Wafer Lots
VDD = 5 V
TA = 25°C to 125°C
P Package
Outliers:
(1) 19.2
µV/°C
(1) 12.1
µV/°C
Figure 9
60
50
40
30
20
10
8
6
4
2
0
–2
–4
–6
–8
70
10
αVIO – Temperature Coefficient – µV/°C
0
–10
DISTRIBUTION OF TLC27LC AND TLC27L7
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
(1) 11.6
µV/°C
(1) 18.7
µV/°C
Outliers:
P Package
TA = 25°C to 125°C
VDD = 10 V
356 Amplifiers Tested From 8 Wafer Lots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com