Electronic Components Datasheet Search
  English  ▼

X  

27L2AI Datasheet(PDF) 19 Page - Texas Instruments

Part # 27L2AI
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27L2AI Datasheet(HTML) 19 Page - Texas Instruments

Back Button 27L2AI Datasheet HTML 15Page - Texas Instruments 27L2AI Datasheet HTML 16Page - Texas Instruments 27L2AI Datasheet HTML 17Page - Texas Instruments 27L2AI Datasheet HTML 18Page - Texas Instruments 27L2AI Datasheet HTML 19Page - Texas Instruments 27L2AI Datasheet HTML 20Page - Texas Instruments 27L2AI Datasheet HTML 21Page - Texas Instruments 27L2AI Datasheet HTML 22Page - Texas Instruments 27L2AI Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS
™ PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052B – OCTOBER 1987 – REVISED AUGUST 1994
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 14
VID = – 1 V
VID = – 100 mV
VDD = 5 V
IOL = 5 mA
TA = 25°C
600
500
400
3
2
1
700
4
VIC – Common-Mode Input Voltage – V
300
0
LOW-LEVEL OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
0.5
1.5
2.5
3.3
Figure 15
VID = – 100 mV
VID = – 2.5 V
VID = – 1 V
TA = 25°C
IOL = 5 mA
VDD = 10 V
10
8
6
4
2
500
450
400
350
300
VIC – Common-Mode Input Voltage – V
0
250
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
13
5
7
9
Figure 16
TA = 25°C
VIC = |VID/2|
IOL = 5 mA
0
100
200
300
400
500
600
700
800
–8
–6
–4
–2
–10
VID – Differential Input Voltage – V
0
LOW-LEVEL OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
–1
–3
–5
–7
–9
VDD = 10 V
VDD = 5 V
Figure 17
VDD = 5 V
800
700
600
500
400
300
200
100
100
75
50
25
0
–25
–50
900
125
TA – Free-Air Temperature – °C
0
–75
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
IOL = 5 mA
VID = – 1 V
VIC = 0.5 V
VDD = 10 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com