Electronic Components Datasheet Search
  English  ▼

X  

IQ36070HPC30NRS Datasheet(PDF) 13 Page - SynQor Worldwide Headquarters

Part # IQ36070HPC30NRS
Description  Half-brick DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070HPC30NRS Datasheet(HTML) 13 Page - SynQor Worldwide Headquarters

Back Button IQ36070HPC30NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 13Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 14Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 15Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 16Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 17Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Product # IQ36xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005024 Rev. A
09/11/08
Page 13
Technical Specification
Input:
Output:
Current:
Part no.:
18-75 V
7.0 V
30 A
IQ36070HPC30
0
5
10
15
20
25
30
0
5
10
15
20
25
30
Load Current (A)
18 Vin
36 Vin
75 Vin
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
Load Current (A)
18 Vin
36 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 2: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
0
5
10
15
20
25
30
35
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0
5
10
15
20
25
30
35
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 3: Encased converter (without heatsink) max. output power derating vs.
ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows
across the converter from input to output (nominal input voltage).
Figure 4: Encased converter (with 1/2” heatsink) max. output power derating vs.
ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows
across the converter from input to output (nominal input voltage).
Figure 5: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max); dI/dt = 0.1 A/µs). Load cap:
1 µF ceramic and 15 µF tantalum
capacitors. Ch 1: Vout (
200 mV/div), Ch 2: Iout (10 A/div).
Figure 6: Output voltage response to step-change in input voltage
(1000 V/ms). Load cap: 100 µF, electrolytic output capacitance.
Ch 1: Vout (200 mV/div), Ch 2: Vin (50 V/div).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com