Electronic Components Datasheet Search
  English  ▼

X  

IQ36070HPC30NRS Datasheet(PDF) 20 Page - SynQor Worldwide Headquarters

Part # IQ36070HPC30NRS
Description  Half-brick DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070HPC30NRS Datasheet(HTML) 20 Page - SynQor Worldwide Headquarters

Back Button IQ36070HPC30NRS Datasheet HTML 16Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 17Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 18Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 19Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 20Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 21Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 22Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 23Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 24Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Product # IQ36xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005024 Rev. A
09/11/08
Page 20
Technical Specification
Input:
Output:
Current:
Part no.:
18-75 V
28 V
7.5 A
IQ36280HPC7F
IQ36280HPC7F eLeCtRICAL CHARACteRIStICS (28 VOUt)
TA=25°C,airflowrate=300LFM,VIN=36Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cambient
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Parameter
Min.
typ.
Max.
Units
notes & Conditions
InPUt CHARACteRIStICS
MaximumInputCurrent
17.0
A
VIN min; trim up; in current limit
No-LoadInputCurrent
100
130
mA
DisabledInputCurrent
2
4
mA
ResponsetoInputTransient
1
V
SeeFigure6
InputTerminalRippleCurrent
300
mA
RMS
RecommendedInputFuse
TBD
A
Fastactingexternalfuserecommended
OUtPUt CHARACteRIStICS
OutputVoltageSetPoint
27.72
28
28.28
V
OutputVoltageRegulation
OverLine
±0.1
±0.3
%
OverLoad
±0.1
±0.3
%
OverTemperature
-420
420
mV
TotalOutputVoltageRange
27.3
28.7
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise1
20MHzbandwidth
Peak-to-Peak
0
190
380
mV
FullLoad
RMS
33
70
mV
FullLoad
OperatingOutputCurrentRange
0
7.5
A
Subjecttothermalderating
OutputDCCurrent-LimitInception
8.25
9
9.75
A
OutputVoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
13
V
Back-DriveCurrentLimitwhileEnabled
0.16
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentwhileDisabled
3
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitance
250
µF
VOUTnominalatfullload(resistiveload)
OutputVoltageduringLoadCurrentTransient
StepChangeinOutputCurrent(0.1A/µs)
2250
mV
50%to75%to50%IOUT max
SettlingTime
100
µs
Towithin1%VOUT nom
OutputVoltageTrimRange
-20
10
%
AcrossPins8&4;CommonFigure3-5
OutputVoltageRemoteSenseRange
10
%
Across Pins 8 & 4
OutputOver-VoltageProtection
32.76
34.16
35.56
V
Overfulltemperaturerange
eFFICIenCY
100%Load
91
%
SeeFigure1forefficiencycurve
50%Load
92
%
SeeFigure1forefficiencycurve
note 1:Outputisterminatedwith1µFceramiccapacitor.Forapplicationsrequiringreducedoutputvoltagerippleandnoise,consultSynQor
applicationssupport(e-mail:support@synqor.com)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com