Electronic Components Datasheet Search
  English  ▼

X  

IQ36070HPD30NRS Datasheet(PDF) 18 Page - SynQor Worldwide Headquarters

Part # IQ36070HPD30NRS
Description  Half-brick DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070HPD30NRS Datasheet(HTML) 18 Page - SynQor Worldwide Headquarters

Back Button IQ36070HPD30NRS Datasheet HTML 14Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 15Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 16Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 17Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 18Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 19Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 20Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 21Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 22Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Product # IQ36xxxHPXxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005231 Rev. A
05/26/09
Page 18
Technical Specification
Input:
Output:
Current:
Part No.:
18-75 V
24 V
9 A
IQ36240HPx09
IQ36240HPx7F ELECTRICAL CHARACTERISTICS (24 Vout)
Ta=25°C,airflowrate=300LFM,Vin=36Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cbaseplate
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
INPUT CHARACTERISTICS
MaximumInputCurrent
143.1
A
Vinmin;trimup;incurrentlimit
No-LoadInputCurrent
80
100
mA
DisabledInputCurrent
1.8
4
mA
ResponsetoInputTransient
0.15
V
SeeFigure6
InputTerminalRippleCurrent
170
mA
RMS
RecommendedInputFuse
TBD
A
Fastactingexternalfuserecommended
OUTPUT CHARACTERISTICS
OutputVoltageSetPoint
23.76
24
24.24
V
OutputVoltageRegulation
OverLine
±0.1
±0.3
%
OverLoad
±0.1
±0.3
%
OverTemperature
-360
360
mV
TotalOutputVoltageRange
23.40
24.60
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise
20MHzbandwidth;seeNote1
Peak-to-Peak
0
90
180
mV
Fullload
RMS
40
80
mV
Fullload
OperatingOutputCurrentRange
0
60
A
Subjecttothermalderating
OutputDCCurrent-LimitInception
66.0
72.0
78.0
A
Outputvoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
0.9
V
Back-DriveCurrentLimitwhileEnabled
1.1
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentLimitwhileDisabled
0.093
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitance
15,000
µF
Voutnominalatfullload(resistiveload)
OutputVoltageduringLoadCurrentTransient
StepChangeinOutputCurrent(0.1A/µs)
75
mV
50%to75%to50%Ioutmax
SettlingTime
500
µs
Towithin1%Voutnom
OutputVoltageTrimRange
-20
10
%
AcrossPins8&4;CommonFigures3-5;seeNote2
OutputVoltageRemoteSenseRange
10
%
AcrossPins8&4
OutputOver-VoltageProtection
28.1
29.3
30.5
V
Overfulltemprange
EFFICIENCY
100%Load
83
%
SeeFigure1forefficiencycurve
50%Load
87
%
SeeFigure1forefficiencycurve
Note1:Outputisterminatedwith1µFceramicand15µFlow-ESRtantalumcapacitors.Forapplicationsrequiringreducedoutputvoltagerippleand
noise,consultSynQorapplicationssupport(e-mail:support@synqor.com)
Note2:Trim-uprangeislimitedbelow10%atlowlineandfullload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com