Electronic Components Datasheet Search
  English  ▼

X  

IQ36070HPD30NRS Datasheet(PDF) 30 Page - SynQor Worldwide Headquarters

Part # IQ36070HPD30NRS
Description  Half-brick DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070HPD30NRS Datasheet(HTML) 30 Page - SynQor Worldwide Headquarters

Back Button IQ36070HPD30NRS Datasheet HTML 22Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 23Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 24Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 25Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 26Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 27Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 28Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 29Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 30Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
Technical
Specification
IQ36-HP Family
Product # IQ36xxxHPXxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005231 Rev. A
05/26/09
Page 30
PART NUMBERING SYSTEM
The part numbering system for SynQor’s dc-dc converters
follows the format shown in the example below.
Thefirst12characterscomprisethebasepartnumberand
the last 3 characters indicate available options.The “-G”
suffixindicates6/6RoHScompliance.
Application Notes
Avarietyofapplicationnotesandtechnicalwhitepaperscan
be downloaded in pdf format from our website.
RoHS Compliance:TheEUledRoHS(RestrictionofHazardous
Substances)DirectivebanstheuseofLead,Cadmium,Hexavalent
Chromium, Mercury, Polybrominated Biphenyls (PBB), and
PolybrominatedDiphenylEther(PBDE)inElectricalandElectronic
Equipment.This SynQor product is 6/6 RoHS compliant.For
more information please refer to SynQor’s RoHS addendum
available at our RoHS Compliance / Lead Free Initiative web
page or e-mail us at rohs@synqor.com.
ORDERING INFORMATION
The tables below show the valid model numbers and ordering
options for converters in this product family. When ordering
SynQorconverters,pleaseensurethatyouusethecomplete
15 character part number consisting of the 12 character
base part number and the additional characters for options.
Add“-G”tothemodelnumberfor6/6RoHScompliance.
The following options must be included in place of the
w x y z
spaces in the model numbers listed above.
Not all combinations make valid part numbers, please contact
SynQorforavailability. SeetheProduct Summarywebpage for
more options.
PATENTS
SynQorholdsthefollowingpatents,oneormoreofwhich
mightapplytothisproduct:
5,999,417
6,222,742
6,545,890
6,577,109
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
Warranty
SynQoroffersatwo(2)yearlimitedwarranty.Completewarranty
information is listed on our website or is available upon request from
SynQor.
InformationfurnishedbySynQorisbelievedtobeaccurateandreliable.
However,noresponsibilityisassumedbySynQorforitsuse,norforany
infringements of patents or other rights of third parties which may result
fromitsuse.Nolicenseisgrantedbyimplicationorotherwiseunderany
patentorpatentrightsofSynQor.
Product Family
Package Size
Performance Level
Thermal Design
Output Current
6/6 RoHS
Options (see
Ordering Information)
Input Voltage
Output Voltage
Contact SynQor for further information:
Phone:
978-849-0600
TollFree: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155SwansonRoad
Boxborough,MA01719
USA
Model Number
Continuous Input
Voltage
Output Voltage
Maximum
Output Current
IQ36018HP
w60NRS
18-75 V
1.8 V
60 A
IQ36033HP
w50NRS
18-75 V
3.3 V
50 A
IQ36050HP
w40NRS
18-75 V
5.0 V
40 A
IQ36070HP
w30NRS
18-75 V
7.0 V
30 A
IQ36120HP
w18NRS
18-75 V
12 V
18 A
IQ36150HP
w14NRS
18-75 V
15 V
14 A
IQ36240HP
w09NRS
18-75 V
24 V
9.0 A
IQ36280HP
w7FNRS
18-75 V
28 V
7.5 A
IQ36400HP
w5FNRS
18-75 V
40 V
5.5 A
IQ36480HP
w4FNRS)
18-75 V
48 V
4.5 A
IQ 36 120 H P C 18 N R S - G
Options Description: w x y z
Thermal Design
Enable Logic
Pin Style
Feature Set
C - Encased with
Threaded Baseplate
D - Encased with
Non-Threaded Baseplate
N - Negative
R - 0.180"
S - Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com