Electronic Components Datasheet Search
  English  ▼

X  

D2T Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2T
Description  Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2T Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2T Datasheet HTML 1Page - Omron Electronics LLC D2T Datasheet HTML 2Page - Omron Electronics LLC D2T Datasheet HTML 3Page - Omron Electronics LLC D2T Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Basic Switch
D2T
Compact DPST-NO Basic Switch
s
Incorporates circuits for power and low-level
loads
s
Approved by safety standards, such as UL,
VDE, and SEMKO
s
As compact as OMRON's V-series Snap-
action switches
s
Contact gap of 0.7 mm min.
s
Panel or screw-mounted with ease
s
Straight and angled terminals are available
Ordering Information
Pin plunger
Hinge lever
Part Number
Actuator
Angled Terminal
Straight Terminal
Pin plunger
D2T-T1
D2T-T1S
Hinge lever
D2T-LT1
D2T-LT1S
Note: The actuator of the D2T is identical to that used for OMRON's V-series Snap-action Switches. The actuator can be replaced with
other types of actuators. Contact your OMRON representative for details.
s CONTACT FORM
Note: The circuit switching power load has a snap-action mechanism.
The circuit switching low-level load has a slow-action mechanism.


Similar Part No. - D2T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2T-LT1 OMRON-D2T-LT1 Datasheet
388Kb / 6P
Door Interlock Switch
D2T-LT1S OMRON-D2T-LT1S Datasheet
388Kb / 6P
Door Interlock Switch
D2T-T1 OMRON-D2T-T1 Datasheet
388Kb / 6P
Door Interlock Switch
D2T-T1S OMRON-D2T-T1S Datasheet
388Kb / 6P
Door Interlock Switch
logo
Vishay Siliconix
D2T0-020-C-10002FRE3 VISHAY-D2T0-020-C-10002FRE3 Datasheet
137Kb / 6P
Surface Mount Power Resistor Thick Film Technology
15-Feb-2022
More results

Similar Description - D2T

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
SWITCH-BASIC
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
SWITCH BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
SWITCH-BASIC
logo
List of Unclassifed Man...
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
SWITCH-BASIC
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
SWITCH-BASIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com