Electronic Components Datasheet Search
  English  ▼

X  

D2T Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2T
Description  Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2T Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2T Datasheet HTML 1Page - Omron Electronics LLC D2T Datasheet HTML 2Page - Omron Electronics LLC D2T Datasheet HTML 3Page - Omron Electronics LLC D2T Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D2T
D2T
3
s MOUNTING
Use M3 mounting screws to mount the switch. Tighten the
screws to a torque of 4 to 6 kgf • cm.
Mounting Holes
Panel Mounting Dimensions
(Panel thickness: 1.5 to 2 mm)
When mounting the D2T to a panel, be sure to insert an
insulation separator between the D2T and the panel.
The actual OT of the D2T must be at least the specified value
and within the permissible OP of the D2T.
Hinge lever
D2T-LT1, D2T-LT1S
s TERMINALS
Angled terminal
Straight terminal
Note: 1. Unless otherwise specified, a tolerance of
± 0.4 mm applies to all dimensions.
2. The above illustrations and dimensions of the pin plunger and hinge lever are for D2T models with angled terminals. Refer to
the dimensions in “Terminals” for the straight terminals of D2T.
Precautions
s SOLDERING
The following soldering conditions are recommended.
When soldering the D2T to a PCB, make sure that no flux will
be on the surface of the PCB.
Soldering
Temperature
Time
Manual
350
°C
3 s max.
Automatic
260
°C
5 s max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com