Electronic Components Datasheet Search
  English  ▼

X  

TLC5618ACD Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC5618ACD
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5618ACD Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC5618ACD Datasheet HTML 10Page - Texas Instruments TLC5618ACD Datasheet HTML 11Page - Texas Instruments TLC5618ACD Datasheet HTML 12Page - Texas Instruments TLC5618ACD Datasheet HTML 13Page - Texas Instruments TLC5618ACD Datasheet HTML 14Page - Texas Instruments TLC5618ACD Datasheet HTML 15Page - Texas Instruments TLC5618ACD Datasheet HTML 16Page - Texas Instruments TLC5618ACD Datasheet HTML 17Page - Texas Instruments TLC5618ACD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156E – JULY 1997 – REVISED SEPTEMBER 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general function
The TLC5618 uses a resistor string network buffered with an op amp to convert 12-bit digital data to analog
voltage levels (see functional block diagram and Figure 18). The output is the same polarity as the reference
input (see Table 1).
The output code is given by: 2 V
REFIN
CODE
4096
An internal circuit resets the DAC register to all 0s on power up.
_
+
Resistor
String
DAC
5 V
0.1
µF
AGND
VDD
OUT
REFIN
R
R
_
+
×2
DIN
CS
SCLK
Figure 18. TLC5618 Typical Circuit
Table 1. Binary Code Table (0 V to 2 VREFIN Output), Gain = 2
INPUT
OUTPUT
1111
1111
1111
2 V
REFIN
4095
4096
:
:
1000
0000
0001
2 V
REFIN
2049
4096
1000
0000
0000
2 V
REFIN
2048
4096
+ V
REFIN
0111
1111
1111
2 V
REFIN
2047
4096
:
:
0000
0000
0001
2 V
REFIN
1
4096
0000
0000
0000
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com