Electronic Components Datasheet Search
  English  ▼

X  

TLC5618ACD Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC5618ACD
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5618ACD Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5618ACD Datasheet HTML 12Page - Texas Instruments TLC5618ACD Datasheet HTML 13Page - Texas Instruments TLC5618ACD Datasheet HTML 14Page - Texas Instruments TLC5618ACD Datasheet HTML 15Page - Texas Instruments TLC5618ACD Datasheet HTML 16Page - Texas Instruments TLC5618ACD Datasheet HTML 17Page - Texas Instruments TLC5618ACD Datasheet HTML 18Page - Texas Instruments TLC5618ACD Datasheet HTML 19Page - Texas Instruments TLC5618ACD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156E – JULY 1997 – REVISED SEPTEMBER 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2 shows the function of program bits D15 – D12.
Table 2. Program Bits D15 – D12 Function
PROGRAM BITS
DEVICE FUNCTION
D15
D14
D13
D12
DEVICE FUNCTION
1
X
X
X
Write to latch A with serial interface register data
and latch B updated with buffer latch data
0
X
X
0
Write to latch B and double buffer latch
0
X
X
1
Write to double buffer latch only
X
0
X
X
12.5
µs settling time
X
1
X
X
2.5
µs settling time
X
X
0
X
Powered-up operation
X
X
1
X
Power down mode
function of the latch control bits (D15 and D12)
Three data transfers are possible. All transfers occur immediately after CS goes high and are described in the
following sections.
latch A write, latch B update (D15 = high, D12 = X)
The serial interface register (SIR) data are written to latch A and the double buffer latch contents are written to
latch B. The double buffer contents are unaffected. This program bit condition allows simultaneous output
updates of both DACs.
Serial
Interface
Register
D12 = X
D15 = High
Latch A
Latch B
Double
Buffer Latch
To DAC A
To DAC B
Figure 20. Latch A Write, Latch B Update
latch B and double-buffer 1 write (D15 = low, D12 = low)
The SIR data are written to both latch B and the double buffer. Latch A is unaffected.
Serial
Interface
Register
D12 = Low
D15 = Low
Latch A
Latch B
Double
Buffer Latch
To DAC A
To DAC B
Figure 21. Latch B and Double-Buffer Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com