Electronic Components Datasheet Search
  English  ▼

X  

TLV1504 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1504
Description  2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1504 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV1504 Datasheet HTML 2Page - Texas Instruments TLV1504 Datasheet HTML 3Page - Texas Instruments TLV1504 Datasheet HTML 4Page - Texas Instruments TLV1504 Datasheet HTML 5Page - Texas Instruments TLV1504 Datasheet HTML 6Page - Texas Instruments TLV1504 Datasheet HTML 7Page - Texas Instruments TLV1504 Datasheet HTML 8Page - Texas Instruments TLV1504 Datasheet HTML 9Page - Texas Instruments TLV1504 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
TLV1504, TLV1508
2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS251 – DECEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
control and timing
start of the cycle:
D When FS is not used ( FS = 1 at the falling edge of CS), the falling edge of CS is the start of the cycle. Input
data is shifted in on the rising edge of SCLK, and output data changes on the falling edge of SCLK. This
is typically used for an SPI microcontroller although it can also be used for a DSP.
D When FS is used ( FS is an active signal from a DSP), the falling edge of FS is the start of the cycle. Input
data is shifted in on the falling edge, and output data changes on the rising edge of SCLK. This is typically
used for a TMS320 DSP.
first 4-MSBs: the command register (CMR)
The TLV1504/TLV1508 have a 4-bit command set (see Table 1) plus a 12-bit configuration data field. Most of
the commands require only the first 4 MSBs, i.e. without the 12-bit data field.
NOTE:
The device requires a write CFR (configuration register) with 000h data (write A000h to the serial
input) at power up to initialize host select mode.
The valid commands are listed in Table 1.
Table 1. TLV1504/TLV1508 Command Set
SDI D(15–12) BINARY, HEX
TLV1508 COMMAND
TLV1504 COMMAND
0000b
0000h
Select analog input channel 0
Select analog input channel 0
0001b
1000h
Select analog input channel 1
N/A
0010b
2000h
Select analog input channel 2
Select analog input channel 1
0011b
3000h
Select analog input channel 3
N/A
0100b
4000h
Select analog input channel 4
Select analog input channel 2
0101b
5000h
Select analog input channel 5
N/A
0110b
6000h
Select analog input channel 6
Select analog input channel 3
0111b
7000h
Select analog input channel 7
N/A
1000b
8000h
SW power down (analog + reference)
1001b
9000h
Read CFR register data shown as SDO D(11–0)
1010b
A000h plus data
Write CFR followed by 12-bit data, e.g., 0A100h means external reference,
short sampling, SCLK/4, single shot, INT
1011b
B000h
Select test, voltage = (REFP+REFM)/2
1100b
C000h
Select test, voltage = REFM
1101b
D000h
Select test, voltage = REFP
1110b
E000h
FIFO read, FIFO contents shown as SDO D(15–6), D(5–0) = XXXXXX
1111b
F000h plus data
Reserved
1111b
F000h plus data
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com