Electronic Components Datasheet Search
  English  ▼

X  

TLV1504 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1504
Description  2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1504 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV1504 Datasheet HTML 19Page - Texas Instruments TLV1504 Datasheet HTML 20Page - Texas Instruments TLV1504 Datasheet HTML 21Page - Texas Instruments TLV1504 Datasheet HTML 22Page - Texas Instruments TLV1504 Datasheet HTML 23Page - Texas Instruments TLV1504 Datasheet HTML 24Page - Texas Instruments TLV1504 Datasheet HTML 25Page - Texas Instruments TLV1504 Datasheet HTML 26Page - Texas Instruments TLV1504 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
TLV1504, TLV1508
2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS251 – DECEMBER 1999
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range, VCC = VREFP = 2.7 V to
5.5 V, SCLK frequency = 20 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Integral linearity error (INL) (see Note 4)
±0.5
LSB
Differential linearity error (DNL)
See Note 3
±0.5
LSB
EO
Offset error (see Note 5)
See Note 3
±1
LSB
EG
Gain error (see Note 5)
See Note 3
±0.5
±1.2
LSB
ET
Total unadjusted error (see Note 6)
±1
LSB
SDI = B000h
200h
(512D)
Self-test output code (see Table 1 and Note 7)
SDI = C000h
000h
(0D)
SDI = D000h
3FFh
(1023D)
Internal OSC
OSC = 4 MHz to 6 MHz
2.17
2.6
3.6
µs
tconv
Conversion time
External SCLK
(13XDIV)
fSCLK
tsample Sampling time
At 1 k
Ω
600
ns
tt(I/O)
Transition time for EOC, INT
50
ns
tt(CLK)
Transition time for SDI, SDO
25
ns
† All typical values are at TA = 25°C.
NOTES:
3. Analog input voltages greater than that applied to REFP convert as all ones (1111111111), while input voltages less than that applied
to REFM convert as all zeros (00000000). The device is functional with reference down to 2 V (VREFP – VREFM); however, the
electrical specifications are no longer applicable.
4. Linear error is the maximum deviation from the best straight line through the A/D transfer characteristics.
5. Zero error is the difference between 0000000000 and the converted output for zero input voltage: full-scale error is the difference
between 1111111111 and the converted output for full-scale input voltage.
6. Total unadjusted error comprises linearity, zero, and full-scale errors.
7. Both the input data and the output codes are expressed in positive logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com