Electronic Components Datasheet Search
  English  ▼

X  

TLV4110 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4110
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4110 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV4110 Datasheet HTML 6Page - Texas Instruments TLV4110 Datasheet HTML 7Page - Texas Instruments TLV4110 Datasheet HTML 8Page - Texas Instruments TLV4110 Datasheet HTML 9Page - Texas Instruments TLV4110 Datasheet HTML 10Page - Texas Instruments TLV4110 Datasheet HTML 11Page - Texas Instruments TLV4110 Datasheet HTML 12Page - Texas Instruments TLV4110 Datasheet HTML 13Page - Texas Instruments TLV4110 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289A – DECEMBER 1999 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
–2
0
2
4
6
8
10
12
14
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
VDD = 5 V
AV = 1
RL = 100 Ω
CL = 10 pF
TA = 25°C
t – TIME –
µs
0
1
2
3
4
0
1
2
3
4
5
VIN
VO
Figure 19
–0.2 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VOLTAGE-FOLLOWER
SMALL-SIGNAL PULSE RESPONSE
VDD = 5 V
AV = 1
RL = 100 Ω
CL = 10 pF
TA = 25°C
VIN = 100 mV
t – TIME –
µs
2.4
2.45
2.5
2.55
2.45
2.5
2.55
2.6
VIN
VO
Figure 20
–1
01
234
567
8
INVERTING LARGE-SIGNAL
PULSE RESPONSE
t – TIME –
µs
0
1
2
3
–1
0
2
3
VDD = 5 V
AV = –1
RL = 100 Ω
CL = 50 pF
TA = 25°C
VIN = 2.5 V
VIN
VO
1
–2
4
5
Figure 21
–1
0123
4567
8
INVERTING LARGE-SIGNAL
PULSE RESPONSE
t – TIME –
µs
0
1
2
3
–1
0
2
3
VDD = 5 V
AV = –1
RL = 100 Ω
CL = 50 pF
TA = 25°C
VIN = 2.5 V
VIN
VO
1
–2
4
5
Figure 22
SMALL-SIGNAL INVERTING
PULSE RESPONSE
t – TIME –
µs
2.42
2.46
2.5
2.42
2.46
2.5
2.54
2.58
VDD = 5 V
AV = –1
RL = 100 Ω
CL = 50 pF
TA = 25°C
VIN = 2.5 V
VIN
VO
2.54
0 0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
Figure 23
CROSSTALK
vs
FREQUENCY
VDD = 3 & 5 V
RL = 100 Ω
All Channels
f – Frequency – Hz
100
1 k
10 k
100 k
10
VIN = 4 VPP
VIN = 2 VPP
–120
–100
–60
–40
–20
0
–80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com