Electronic Components Datasheet Search
  English  ▼

X  

TLV4110 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4110
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4110 Datasheet(HTML) 3 Page - Texas Instruments

  TLV4110 Datasheet HTML 1Page - Texas Instruments TLV4110 Datasheet HTML 2Page - Texas Instruments TLV4110 Datasheet HTML 3Page - Texas Instruments TLV4110 Datasheet HTML 4Page - Texas Instruments TLV4110 Datasheet HTML 5Page - Texas Instruments TLV4110 Datasheet HTML 6Page - Texas Instruments TLV4110 Datasheet HTML 7Page - Texas Instruments TLV4110 Datasheet HTML 8Page - Texas Instruments TLV4110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289A – DECEMBER 1999 – REVISED APRIL 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current,IO (see Note 2)
800 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous /RMS output current, IO (each output of amplifier): TJ ≤ 105°C
350 mA
. . . . . . . . . . . . . . . . . . . .
TJ ≤ 150°C
110 mA
. . . . . . . . . . . . . . . . . . . .
Peak output current, IO (each output of amplifier: TJ ≤ 105°C
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TJ ≤ 150°C
155 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
– 40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to GND.
2. To prevent permanent damage the die temperature must not exceed the maximum junction temperature.
DISSIPATION RATING TABLE
PACKAGE
θJC
(
°C/W)
θJA
(
°C/W)
TA ≤ 25°C
POWER RATING
D (8)
38.3
176
710 mW
D (14)
26.9
122.3
1022 mW
DGN (8)‡
4.7
52.7
2.37 W
DGQ (10)‡
4.7
52.3
2.39 W
P (8)
41
104
1200 mW
N (14)
32
78
1600 mW
‡ See The Texas Instruments document, PowerPAD Thermally Enhanced Package Application
Report (literature number SLMA002), for more information on the PowerPAD package. The
thermal data was measured on a PCB layout based on the information in the section entitled
Texas Instruments Recommended Board for PowerPAD on page 33 of the before mentioned
document.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.5
6
V
Common-mode input voltage range, VICR
0
VDD–1.5
V
Operating free air temperature TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
–40
125
°C
V(on)
VDD = 3 V
2.1
§
V(on)
VDD = 5 V
3.8
V
Shutdown turn on/off voltage level§
V(off)
VDD = 3 V
0.9
V
V(off)
VDD = 5 V
1.65
§ Relative to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com