Electronic Components Datasheet Search
  English  ▼

X  

TLV5637 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5637
Description  2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5637 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV5637 Datasheet HTML 6Page - Texas Instruments TLV5637 Datasheet HTML 7Page - Texas Instruments TLV5637 Datasheet HTML 8Page - Texas Instruments TLV5637 Datasheet HTML 9Page - Texas Instruments TLV5637 Datasheet HTML 10Page - Texas Instruments TLV5637 Datasheet HTML 11Page - Texas Instruments TLV5637 Datasheet HTML 12Page - Texas Instruments TLV5637 Datasheet HTML 13Page - Texas Instruments TLV5637 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TLV5637
2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS224 –JUNE 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–0.1
–0.2
0
256
512
0
0.15
Digital Code
DIFFERENTIAL NONLINEARITY ERROR
0.2
768
1024
0.1
0.05
–0.05
–0.15
Figure 12
APPLICATION INFORMATION
general function
The TLV5637 is a dual 10-bit, single supply DAC, based on a resistor string architecture. It consists of a serial
interface, a speed and power-down control logic, a programmable internal reference, a resistor string, and a
rail-to-rail output buffer.
The output voltage (full scale determined by reference) is given by:
2REF
CODE
0x1000
[V]
Where REF is the reference voltage and CODE is the digital input value in the range 0x000 to 0xFFF. Because
it is a 10-bit DAC, only D11 to D2 are used. D0 and D1 are ignored. A power on reset initially puts the internal
latches to a defined state (all bits zero).
serial interface
A falling edge of CS starts shifting the data bit-per-bit (starting with the MSB) to the internal register on the falling
edges of SCLK. After 16 bits have been transferred or CS rises, the content of the shift register is moved to the
target latches (DAC A, DAC B, BUFFER, CONTROL), depending on the control bits within the data word.
Figure 13 shows examples of how to connect the TLV5637 to TMS320, SPI
™, and Microwire™.
TMS320
DSP FSX
CLKX
DX
TLV5637
SCLK
DIN
CS
SPI
I/O
SCK
MOSI
TLV5637
SCLK
DIN
CS
Microwire
I/O
SK
SO
TLV5637
SCLK
DIN
CS
Figure 13. Three-Wire Interface
Notes on SPI
™ and Microwire™: Before the controller starts the data transfer, the software has to generate a
falling edge on the I/O pin connected to CS. If the word width is 8 bits (SPI
™ and Microwire™), two write
operations must be performed to program the TLV5637. After the write operation(s), the holding registers or the
control register are updated automatically on the 16th positive clock edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com