Electronic Components Datasheet Search
  English  ▼

X  

TLV5637 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5637
Description  2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5637 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5637 Datasheet HTML 9Page - Texas Instruments TLV5637 Datasheet HTML 10Page - Texas Instruments TLV5637 Datasheet HTML 11Page - Texas Instruments TLV5637 Datasheet HTML 12Page - Texas Instruments TLV5637 Datasheet HTML 13Page - Texas Instruments TLV5637 Datasheet HTML 14Page - Texas Instruments TLV5637 Datasheet HTML 15Page - Texas Instruments TLV5637 Datasheet HTML 16Page - Texas Instruments TLV5637 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TLV5637
2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS224 –JUNE 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
examples of operation: (continued)
D Set DAC A value, set DAC B value, update both simultaneously, select slow mode, select internal reference
at 1.024 V:
1.
Set reference voltage to 1.024 V (CONTROL register):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
1
0
0
0
0
0
0
0
0
0
0
0
1
2.
Write data for DAC B to BUFFER:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
New DAC B value
0
0
X = Don’t care
3.
Write new DAC A value and update DAC A and B simultaneously:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
New DAC A value
0
0
X = Don’t care
Both outputs are updated on the rising clock edge after D0 from the DAC A data word is sampled.
D Set power down mode:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com