Electronic Components Datasheet Search
  English  ▼

X  

TLV990 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV990
Description  3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV990 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV990 Datasheet HTML 9Page - Texas Instruments TLV990 Datasheet HTML 10Page - Texas Instruments TLV990 Datasheet HTML 11Page - Texas Instruments TLV990 Datasheet HTML 12Page - Texas Instruments TLV990 Datasheet HTML 13Page - Texas Instruments TLV990 Datasheet HTML 14Page - Texas Instruments TLV990 Datasheet HTML 15Page - Texas Instruments TLV990 Datasheet HTML 16Page - Texas Instruments TLV990 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TLV990
3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
SLVS298 – MAY 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
REGISTER DEFINITION
optical black setup register format
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
OMUX1
OMUX0
X
X
SOFW1
SOFW0
MP
PN2
PN1
PN0
optical black setup register description
BIT
NAME
DESCRIPTION
D8, D9
OMUX1,
OMUX0
These two bits multiplex digital output (data presented at D[9:0] pins):
OMUX1
OMUX0
0
0
D[9:0] = ADC output (default)
0
1
D[9:0] = ADC output
1
0
D[9] = fine/coarse (1/0) autocorrection flag
D[8] = coarse DAC sign
D[7:0] = coarse DAC value
1
1
D[9] = fine/coarse (1/0) autocorrection flag
D[8] = fine DAC sign
D[7:0] = fine DAC value
D7, D6
X
Reserved
D5, D4
SOFW1,
SOFW0
These two bits set the digital filter weight when SOF is activated (the SOF bit in control register 2 is set to 1).
SOFW1
SOFW0
Weight
0
0
0
(default)
0
1
1
1
0
2
1
1
3
D3
MP
When this bit is 1, the number of optical black pixels to be averaged per line (2N) is multiplied by 3.
By setting the MP and PN2–PN0 bits together, the number of optical black pixels can be programmed to have the follow-
ing numbers:
1, 2, 3 (1X3), 4, 6 (2
×3), 8, 12 (4×3), 16, 24 (8×3), 32, 48 (16×3), 64, 96 (32×3), and 192 (64×3).
Default: MP = 0, no multiplication
D2–D0
PN2–PN0
Number of optical black pixels per line to average = 2N
N can be 0, 1, 2, 3, 4, 5, and 6. Or number of pixels per line can be 1, 2, 4, 8 (default), 16, 32, or 64.
The maximum number of pixels per line is 64, even if N>6.
Default optical black calibration register value = 0000000011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com