Electronic Components Datasheet Search
  English  ▼

X  

TLV990 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV990
Description  3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV990 Datasheet(HTML) 4 Page - Texas Instruments

  TLV990 Datasheet HTML 1Page - Texas Instruments TLV990 Datasheet HTML 2Page - Texas Instruments TLV990 Datasheet HTML 3Page - Texas Instruments TLV990 Datasheet HTML 4Page - Texas Instruments TLV990 Datasheet HTML 5Page - Texas Instruments TLV990 Datasheet HTML 6Page - Texas Instruments TLV990 Datasheet HTML 7Page - Texas Instruments TLV990 Datasheet HTML 8Page - Texas Instruments TLV990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLV990
3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
SLVS298 – MAY 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, AVDD, DVDD, DIVDD
–0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
–0.3 V to AVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
–0.3 V to DVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
power supplies
MIN
NOM
MAX
UNIT
Analog supply voltage
AVDD
2.7
3
3.3
V
Digital supply voltage
DVDD
2.7
3
3.3
V
Digital interface supply voltage
DIVDD
1.8
4.4
V
digital inputs, DIVDD = 3 V
MIN
NOM
MAX
UNIT
High-level input voltage, VIH
0.8DIVDD
V
Low-level input voltage, VIL
0.2DIVDD
V
Input ADCCLK frequency
28
MHz
ADCCLK pulse duration, clock high, tw(MCLKH)
17.8
ns
ADCCLK pulse duration, clock low, tw(MCLKL)
17.8
ns
Input SCLK frequency
40
MHz
SCLK pulse duration, clock high, tw(SCLKH)
12.5
ns
SCLK pulse duration, clock low, tw(SCLKL)
12.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com