Electronic Components Datasheet Search
  English  ▼

X  

CCN Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # CCN
Description  TaNFilm짰 Chip Carrier Resistor Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CCN Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  CCN Datasheet HTML 1Page - IRC - a TT electronics Company. CCN Datasheet HTML 2Page - IRC - a TT electronics Company. CCN Datasheet HTML 3Page - IRC - a TT electronics Company. CCN Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CCN Series Issue April 2009 Sheet 1 of 4
The IRC TaNFilm® Chip Carrier Network offers higher lead density, increased component count, lower installed
resistor cost, better reliability, and is ideal for use with all surface mount solder techniques. In addition, the TaNFilm®
leadless CCN provides all the unique qualities of our other TaNFilm® package configurations. Testing has demon-
strated performance exceeding MIL-PRF-914 Characteristic H.
Precise state-of-the-art laser trimming provides close tolerances and tight ratios. The TaNFilm® process enables
IRC to manufacture custom circuit configurations and multiple resistance values without sacrificing the tightest toler-
ance and tracking characteristics of precision networks. The Tantalum Nitride resistor material is passivated for
environmental protection surpassing military requirements and guaranteeing exceptional ratio stability.
For applications requiring a high degree of reliability, stability, accuracy and low noise, plus the advantages of new
resistor configurations, specify the IRC Leadless Chip Carrier Configuration Resistor Network.
Custom circuits and special testing available.
TaNFilm® Chip Carrier
Resistor Network
CCN Series
• Qualified to DESC 87016 and 87017 military specifications
• Gold, Sn/Pb and RoHS compliant terminations available
• Ideal for all reflow soldering techniques
• Meet JEDEC standard for type 'C' package
• Custom schematics readily available
• Absolute TCR to ±15 ppm/°C
Resistance Range
10
Ω to 300KΩ
Absolute Resistance Tolerance
To ±0.1%
Ratio Tolerance to R1
to ±0.01%
Power Rating @ 70°C
0.1 watt/resistor, 1.0 watt/network
Operating Temperature Range
-55°C to +150°C
Absolute TCR
To ±15ppm/°C
TCR Tracking
To ±5 ppm/°C
Noise
Less than -25 dB
Termination Options
(nickel leach barrier)
Gold
60/40 Sn/Pb
100% matte-tin
Substrate Material
99.5% pure alumina substrate
Construction
Epoxy overcoat (78xx)
Ceramic lid (79xx)
Electrical Data


Similar Part No. - CCN

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CCN TTELEC-CCN Datasheet
325Kb / 4P
Ideal for all reflow soldering techniques
logo
Kemet Corporation
CCN-01112012CMC KEMET-CCN-01112012CMC Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
logo
TDK Electronics
CCN-0503SF TDK-CCN-0503SF Datasheet
193Kb / 11P
DC to DC Converters
CCN-0505SF TDK-CCN-0505SF Datasheet
193Kb / 11P
DC to DC Converters
CCN-0512DF TDK-CCN-0512DF Datasheet
193Kb / 11P
DC to DC Converters
More results

Similar Description - CCN

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
TaNFilm짰 Precision Chip Resistors
SON WELWYN-SON Datasheet
351Kb / 3P
TaNFilm짰 Flat Precision Resistor Array
logo
Vishay Siliconix
RMK508N VISHAY-RMK508N Datasheet
107Kb / 3P
Bare Chip Resistor Network
06-Oct-08
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
PCF-RC1206LF-330K-470-M IRCTT-PCF-RC1206LF-330K-470-M Datasheet
107Kb / 1P
Resistor/Capacitor Chip Network
WCA-WCC-08-04-102-F-P IRCTT-WCA-WCC-08-04-102-F-P Datasheet
325Kb / 2P
Thickfilm Chip Array Resistor Network
logo
Bourns Electronic Solut...
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
Resistor Network
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
Resistor Network
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com