Electronic Components Datasheet Search
  English  ▼

X  

CCN Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CCN
Description  TaNFilm짰 Chip Carrier Resistor Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CCN Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CCN Datasheet HTML 1Page - IRC - a TT electronics Company. CCN Datasheet HTML 2Page - IRC - a TT electronics Company. CCN Datasheet HTML 3Page - IRC - a TT electronics Company. CCN Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CCN Series Issue April 2009 Sheet 2 of 4
TaNFilm® Chip Carrier
Resistor Network
Physical Data
0.015
″x45°
0.050
″Typ
0.018
″Typ
0.025
″± .003
0.085
″
0.050
″Typ
0.035
″ x 45°
3 places
0.0200
″Typ
0.290
″± .010
0.025
″± .003
0.350
″± .008
0.075
″± .010
0.026
″± .003
TOP VIEW
SIDE VIEW
79xx SERIES
SIDE VIEW
78xx SERIES
BOTTOM VIEW
Circuit
Resistance
Range
Available
Absolute Tolerances
Available
Ratio Tolerances
(Ratio to R1)
Best
Absolute TCR
Tracking TCR
(Track to R1)
Isolated
Schematics
7907/7807
7908/7808
10
Ω - 24.9Ω
F G J
D F G
±300 ppm/°C
±50 ppm/°C
25.0
Ω - 49.9Ω
F G J
D F G
±100 ppm/°C
±25 ppm/°C
50
Ω - 199Ω
D F G J
B D F G
±50 ppm/°C
±10 ppm/°C
200
Ω - 999Ω
B D F G J
B D F G
±25 ppm/°C
±5 ppm/°C
1.0K -50.0K
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
Isolated
Schematic
7909/7809
10
Ω - 24.9Ω
F G J
D F G
±300 ppm/°C
±50ppm/°C
25
Ω - 74.9Ω
F G J
D F G
±100 ppm/°C
±25 ppm/°C
75
Ω - 379Ω
D F G J
B D F G
±50 ppm/°C
±10 ppm/°C
380
Ω - 999Ω
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
1.0K
Ω - 100KΩ
B D F G J
T Q A B D F G
±25 ppm/°C
±5 ppm/°C
101K
Ω - 250KΩ
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
Bussed
Schematic
7900/7800
10
Ω - 24.9Ω
F G J
D F G
±300 ppm/°C
±50ppm/°C
25
Ω - 74.9Ω
F G J
D F G
±100 ppm/°C
±25ppm/°C
75
Ω - 149Ω
F G J
B D F G
±50 ppm/°C
±10ppm/°C
150
Ω - 100KΩ
B D F G J
A B D F G
±25 ppm/°C
±5ppm/°C
Manufacturing Capability Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com