Electronic Components Datasheet Search
  English  ▼

X  

TMS32020 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS32020
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS32020 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS32020 Datasheet HTML 35Page - Texas Instruments TMS32020 Datasheet HTML 36Page - Texas Instruments TMS32020 Datasheet HTML 37Page - Texas Instruments TMS32020 Datasheet HTML 38Page - Texas Instruments TMS32020 Datasheet HTML 39Page - Texas Instruments TMS32020 Datasheet HTML 40Page - Texas Instruments TMS32020 Datasheet HTML 41Page - Texas Instruments TMS32020 Datasheet HTML 42Page - Texas Instruments TMS32020 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
PARAMETER
UNIT
TMS320C25-50
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
39
SERIAL PORT TIMING
switching characteristics over recommended operating conditions (see Note 3)
PARAMETER
MIN
TYP
MAX
UNIT
td(CH-DX)
DX valid after CLKX rising edge (see Note 18)
75
ns
td(FL-DX)
DX valid after falling edge (TXM = 0, see Note 18)
40
ns
td(CH-FS)
FSX valid after CLKX raising edge (TXM = 1)
40
ns
NOTES: 3. Q = 1/4 tc(C)
18. The last occurrence of FSX falling and CLKX rising.
timing requirements over recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
tc(SCK)
Serial port clock (CLKX/CLKR) cycle time †
160
ns
tf(SCK)
Serial port clock (CLKX/CLKR) fall time
25 ‡
ns
tr(SCK)
Serial port clock (CLKX/CLKR) rise time
25 ‡
ns
tw(SCK)
Serial port clock (CLKX/CLKR) low or high pulse duration (see Note 19)
64
ns
tsu(FS)
FSX or FSR setup time before CLKX, CLKR falling edge (TXM = 0)
5
ns
th(FS)
FSX or FSR hold time before CLKX, CLKR falling edge (TXM = 0)
10
ns
tsu(DR)
DR setup time before CLKR falling edge
5
ns
th(DR)
DR hold time after CLKR falling edge
10
ns
† The serial port was tested at a minimum frequency of 1.25 MHz. However, the serial port was fully static but will properly function down to
fsx = 0 Hz.
‡ Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4 tc(C)
19. The cycle of the serial port must be within 40%-60%.
CONTRAST SUMMARY OF ELECTRICAL SPECIFICATIONS
The following table presents electrical parameters which differ between TMS320C25 (40 MHz, 100 ns) and
TMS320C25-50 (50 MHz, 80 ns).
clock characteristics and timing
TMS320C25
TMS320C25-50
MIN
TYP
MAX
MIN
TYP
MAX
tc(SCK)
97.7
597
78.13
597
ns
td(CIH-C)
5
30
12
27
ns
tf(C)
5
4
ns
tr(C)
5
4
ns
tw(CL)
2Q – 8
2Q
2Q + 8
2Q – 7
2Q + 3
ns
tw(CH)
2Q – 8
2Q
2Q + 8
2Q – 3
2Q + 7
ns
td(C1-C2)
Q – 5
Q
Q + 5
Q – 6
Q + 2
ns
tsu(S)
5
Q – 5
4
Q – 4
ns
th(S)
8
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com