Electronic Components Datasheet Search
  English  ▼

X  

TMS32020 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS32020
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS32020 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS32020 Datasheet HTML 20Page - Texas Instruments TMS32020 Datasheet HTML 21Page - Texas Instruments TMS32020 Datasheet HTML 22Page - Texas Instruments TMS32020 Datasheet HTML 23Page - Texas Instruments TMS32020 Datasheet HTML 24Page - Texas Instruments TMS32020 Datasheet HTML 25Page - Texas Instruments TMS32020 Datasheet HTML 26Page - Texas Instruments TMS32020 Datasheet HTML 27Page - Texas Instruments TMS32020 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
TMS32020
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
24
MEMORY AND PERIPHERAL INTERFACE TIMING
switching characteristics over recommended operating conditions (see Note 3)
PARAMETER
MIN
TYP
MAX
UNIT
td(C1-S)
STRB from CLKOUT1 (if STRB is present)
Q – 15
Q
Q + 15
ns
td(C2-S)
CLKOUT2 to STRB (if STRB is present)
– 15
0
15
ns
tsu(A)
Address setup hold time before STRB low (see Note 5)
Q – 30
ns
th(A)
Address hold time after STRB high (see Note 5)
Q – 15
ns
tw(SL)
STRB low pulse duration (no wait states, see Note 6)
2Q
ns
tw(SH)
STRB high pulse duration (between consecutive cycles, see Note 6)
2Q
ns
tsu(D)W
Data write setup time before STRB high (no wait states)
2Q – 45
ns
th(D)W
Data write hold time from STRB high
Q – 15
Q
ns
ten(D)
Data bus starts being driven after STRB low (write cycle)
0†
ns
tdis(D)
Data bus three-state after STRB high (write cycle)
Q
Q+30†
ns
td(MSC)
MSC valid from CLKOUT1
–25
0
25
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4tc(C).
5. A15-A0, PS, DS, IS, R/W, and BR timings are all included in timings referenced as “address”.
6. Delays between CLKOUT1/CLKOUT2 edges and STRB edges track each other, resulting in tw(SL) and tw(SH) being 2Q with
no wait states.
timing requirements over recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
ta(A)
Read data access time from address time (read cycle, see Notes 5 and 7)
3Q – 70†
ns
tsu(D)R
Data read setup time before STRB high
40
ns
th(D)R
Data read hold time from STRB high
0
ns
td(SL-R)
READY valid after STRB low (no wait states)
Q – 40
ns
td(C2H-R)
READY valid after CLKOUT2 high
Q – 40
ns
th(SL-R)
READY hold time after STRB low (no wait states)
Q – 5
ns
th(C2H-R)
READY hold after CLKOUT2 high
Q – 5
ns
td(M-R)
READY valid after MSC valid
2Q – 50
ns
th(M-R)
READY hold time after MSC valid
0
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4tc(C).
5. A15-A0, PS, DS, IS, R/W, and BR timings are all included in timings referenced as “address”.
7. Read data access time is defined as ta(A) = tsu(A) + tw(SL) – tsu(D)R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com