Electronic Components Datasheet Search
  English  ▼

X  

CHP Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # CHP
Description  Metal Glaze??Cylindrical Surface Mount Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHP Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  CHP Datasheet HTML 1Page - IRC - a TT electronics Company. CHP Datasheet HTML 2Page - IRC - a TT electronics Company. CHP Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Metal Glaze™ thick
film element fired
at 1000°C to solid
ceramic substrate
High
temperature
dielectric
coating
Solder over nickel
barrier
Metal Glaze™ Cylindrical
Surface Mount
Power Resistors
Electrical Data
CHP Series
• Up to 2 watts
• Up to 1000 volts
• 0.2 ohm to 2.2 megohm range
• RoHS-compliant version available
• 150°C maximum operating temperature
Environmental Data
IRC
Type
Indus-
try
Foot-
print
Size
Code1
Maximum
Power Rating
Working
Voltage²
Maximum
Voltage
Resistance
Range (ohms)³
Product
Category
Tolerance
(±%)³
TCR
(ppm/°C)³
CHP 1/8
1206
B & C
1/4W @ 70°C
200
400
0.1 to 0.99
Low Range
1, 2, 5
100
1.0 to 1.0 M
Standard
1, 2, 5
50, 100
20 to 348K
Tight Tolerance
0.25, 0.5
50, 100
CHP 1/2
2010
D & E
1/2W @ 70°C
300
600
0.1 to 0.99
Low Range
1, 2, 5
100
1.0 to 348K
Standard
1, 2, 5
50, 100
CHP 1
2512
F
1W @ 70°C
350
700
0.1 to 0.99
Low Range
1, 2, 5
100
1.0 to 2.21M
Standard
1, 2, 5
50, 100
20 to 348K
Tight Tolerance
0.25, 0.5
50, 100
CHP 2
3610
H
2W @ 25°C
1.33W @ 70°C
500
1000
0.2 to 0.99
Low Range
1, 2, 5
100
1.0 to 2.21M
Standard
1, 2, 5
50, 100
¹See page 8 for product dimensions, recommended solder pads, and standard packaging.
²Not to exceed P x R
³Consult factory for tighter TCR, tolerance, or resistance values.
√
Characteristics
Maximum Change
Test Method
Temperature Coefficient
As specified
MIL-R-55342E Par 4.7.9 (-55°C + 125°C)
Thermal Shock
±0.5% + 0.01 ohm
MIL-R-55342E Par 4.7.3 (-65°C + 150°C, 5 cycles)
Low Temperature Operation
±0.25% + 0.01 ohm
MIL-R-55342E Par 4.7.4 (-65°C @ working voltage)
Short Time Overload
±0.5% + 0.01 ohm
±1% for R>100K ohm
MIL-R-55342E Par 4.7.5
2.5 x
for 5 seconds
High Temperature Exposure
±0.5% + 0.01 ohm
MIL-R-55342E Par 4.7.6 (-150°C for 100 hours)
Resistance to Bonding
±0.25% + 0.01 ohm
MIL-R-55342E Par 4.7.7 (Reflow soldered to board at 260°C for 10 seconds)
Exposure
95% minimum coverage
MIL-STD-202, Method 208 (245°C for 5 seconds)
Solderability
±0.5% + 0.01 ohm
MIL-R-55342E Par 4.7.8 (10 cycles, total 240 hours)
Moisture Resistance
±0.5% + 0.01 ohm
MIL-R-55342E Par 4.7.10 (2000 hours at 70°C intermittent)
Life Test
Terminal Adhesion Strength
±1% + 0.01 ohm
no mechanical damage
1200 gram push from underside of mounted cchip for 60 seconds
±1% + 0.01 ohm
no mechanical damage
Chip mounted in center of 90mm long board, deflected 1mm so as to
exert pull on chip contacts for 5 seconds
√
CHP Series Issue July 2009 Sheet 1 of 3


Similar Part No. - CHP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
Metal Glaze??General Purpose Surface Mount Power Resistors
logo
Vishay Siliconix
CHP VISHAY-CHP Datasheet
178Kb / 9P
High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
19-May-14
logo
Copal Electronics
CHP COPAL-CHP Datasheet
960Kb / 6P
PIANO SWITCHES (HALF PITCH)
logo
TT Electronics.
CHP TTELEC-CHP Datasheet
456Kb / 4P
Cylindrical High Power
logo
Bourns Electronic Solut...
CHP BOURNS-CHP Datasheet
1Mb / 7P
Ultra-High Power Chip Resistors
More results

Similar Description - CHP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
Metal Glaze??Cylindrical Official Size Power Resistor
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
Thick Film Semi-Precision Metal Glaze Power Resistors
MMA0204501000DBLK IRCTT-MMA0204501000DBLK Datasheet
152Kb / 3P
Metal Glaze General Purpose Surface Mount Power Resistor
MRC1-50-1000-C-BLK IRCTT-MRC1-50-1000-C-BLK Datasheet
206Kb / 2P
Metal Glaze High Power Density Surface Mount Power Resistor
PPC11001BLFBLK IRCTT-PPC11001BLFBLK Datasheet
201Kb / 3P
Metal Glaze Surface Mount Precision Power Chip
SMC1502203CLF7 IRCTT-SMC1502203CLF7 Datasheet
193Kb / 3P
Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
logo
Token Electronics Indus...
RI80-1 TOKEN-RI80-1 Datasheet
473Kb / 4P
RI80 Metal Glaze Impulse Resistors
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
Thick Film Semi-Precision Metal Glaze??Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com