Electronic Components Datasheet Search
  English  ▼

X  

CHP Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # CHP
Description  Metal Glaze??Cylindrical Surface Mount Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHP Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  CHP Datasheet HTML 1Page - IRC - a TT electronics Company. CHP Datasheet HTML 2Page - IRC - a TT electronics Company. CHP Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
IRC
Type
Size
Code
Industry
Footprint
Reel
Diameter*
Quantity
Per Reel
Carrier Tape
Width
Component
Pitch
CHP 1/8
MRC 1/2
B
C
1206
7
″
2,500 max.
8mm
4mm
13
″
10,000 max.
CHP 1/2
MRC 1
D
E
2010
7
″
1,500 max.
12mm
4mm
13
″
5,000 max.
CHP 1
F
2512
7
″
1,500 max.
12mm
4mm
13
″
5,000 max.
CHP 2
H
3610
13
″
1,500 max.
24mm
4mm
*The 13
″ reel is considered standard and will be supplied unless otherwise specified.
Sample Part No.
IRC Type
(CHP 1/8, CHP 1/2, CHP 1, or CHP 2)
Temperature Coefficient
(50 ppm, 100 ppm)
Resistance Value
(100 ohms and greater - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503
(Less than 100 ohms - "R" is used to designate decimal)
Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohms = R250
Tolerance
(C = 0.25%, D = 0.5%, F = 1.0%; G = 2.0%; J = 5.0%)
Packaging Code*
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
Lead Free Construction
Ordering Data
CHP 1
- 100
2203
F
13
LF
30
40
50 60
70
80
90 100 110 120 130 140 150
100
80
60
40
20
0
Ambient Temperature (°C)
CHP 1/8, 1/2, 1
CHP 2
Power Derating Curve
Repetitive Surge Curve
0.0001
0.0010
0.0100
0.1000
1.0000
.1msec
1msec
10msec
100msec
10000msec
Surge or Pulse Duration (seconds)
CHP 1
CHP 2
CHP 1/8
1000
100
10
1
Note: Use for repetitive pulses where the average power dissipation is
not to exceed the component rating at 70°C. Surge handling capacity
for low-repetitive surges may be significantly greater than shown above.
Contact factory for recommendations.
Metal Glaze™ Cylindrical
Surface Mount
Power Resistors
Standard Reel Packaging per EIA-481:
CHP Series Issue July 2009 Sheet 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com