Electronic Components Datasheet Search
  English  ▼

X  

TMS3473 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS3473
Description  PARALLEL DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3473 Datasheet(HTML) 6 Page - Texas Instruments

  TMS3473 Datasheet HTML 1Page - Texas Instruments TMS3473 Datasheet HTML 2Page - Texas Instruments TMS3473 Datasheet HTML 3Page - Texas Instruments TMS3473 Datasheet HTML 4Page - Texas Instruments TMS3473 Datasheet HTML 5Page - Texas Instruments TMS3473 Datasheet HTML 6Page - Texas Instruments TMS3473 Datasheet HTML 7Page - Texas Instruments TMS3473 Datasheet HTML 8Page - Texas Instruments TMS3473 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TMS3473B
PARALLEL DRIVER
SOCS022B – NOVEMBER 1990
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 2)
PARAMETER
TEST CONDITIONS†
MIN
MAX
UNIT
VOH
High-level output
ABOUT
IOH = 180 mA (peak)
VABG+ – 0.2
VABG+ + 0.2
V
VOH
g
voltage
IAOUT, SAOUT
IOH = 730 mA (peak)
VCC – 0.5
VCC + 0.5
V
VOL
Low-level output
ABOUT
IOL = 180 mA (peak)
VABG – – 0.3
VABG – + 0.3
V
VOL
voltage
IAOUT, SAOUT
IOL = 730 mA (peak)
VSS – 0.6
VSS + 0.8
V
I
†
High-level input
ABIN, IAIN, SAIN, MIDSEL, PD
VIH = 5 V
0
–50
µA
IIH†
g
current
I/N
VIH = VCC = 2 V
±10
µA
I †
Low-level input
ABIN, IAIN, SAIN, MIDSEL, PD
VIL = 0 V
±10
µA
IIL†
current
I/N
VIL = VSS = –10 V
±10
µA
IAB
Antiblooming current
Average load,
See Note 3
20
mA
ISS
Supply current
No load,
PD = 0 V
1.5
mA
ISS
Supply current
Average load,
See Note 4
25
mA
† These parameters are measured with VSS = –10.3 V, VCC = 2.1 V, VABG+ = 4.3 V, VABG– = –7 V, and with IASR connected to VCC and ABSR
connected to VABG+, both through 22-kΩ resistors.
NOTES:
2. The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for
voltage levels only.
3. The load consists of a TC241 CCD image sensor with ABG clocked at 2 MHz using ABG mode 3 (see the TMS3471C data sheet
for details on mode 3).
4. The load consists of a TC241 CCD image sensor with IAG and SAG clocked at 2.1 MHz.
switching characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
t
Rise time
ABOUT
60
140
ns
tr
Rise time
IAOUT, SAOUT
VCC = 2.1 V,
VABG+ = 4.3 V,
VABG – = –7 V,
40
180
ns
tf
Fall time
ABOUT
CC
,
TA = 25°C,
ABG+
,
VSS = –10.3 V,
ABG
,
See Note 5
45
100
ns
tf
Fall time
IAOUT, SAOUT
30
110
ns
NOTE 5: IASR is connected to VCC and ABSR is connected to VABG+, both through 22-kΩ resistors. The load consists of a TC241 CCD image
sensor with ABG clocked at 2 MHz using ABG mode 3 (see the TMS3471C data sheet for details on mode 3).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com