Electronic Components Datasheet Search
  English  ▼

X  

TMS3473 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS3473
Description  PARALLEL DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3473 Datasheet(HTML) 3 Page - Texas Instruments

  TMS3473 Datasheet HTML 1Page - Texas Instruments TMS3473 Datasheet HTML 2Page - Texas Instruments TMS3473 Datasheet HTML 3Page - Texas Instruments TMS3473 Datasheet HTML 4Page - Texas Instruments TMS3473 Datasheet HTML 5Page - Texas Instruments TMS3473 Datasheet HTML 6Page - Texas Instruments TMS3473 Datasheet HTML 7Page - Texas Instruments TMS3473 Datasheet HTML 8Page - Texas Instruments TMS3473 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TMS3473B
PARALLEL DRIVER
SOCS022B – NOVEMBER 1990
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ABIN
4
I
Antiblooming in
ABLVL
16
I
DC antiblooming midlevel voltage
ABOUT
14
O
Antiblooming out
ABSR
18
I
Antiblooming slew rate
GND
8
Ground
IAIN
3
I
Parallel-image-area in
IALVL
1
I
DC parallel-image-area midlevel voltage
IAOUT
15
O
Parallel-image-area out
IASR
19
I
Parallel-image-area slew rate
I/N
2
I
Interlace/noninterlace select
MIDSEL
5
I
IAOUT/ABOUT midlevel voltage select
PD
7
I
Power down
SAIN
6
I
Parallel storage area in
SAOUT
13
O
Parallel storage area out
VABG+
9
I
Positive ABG supply voltage
VABG –
11
I
Negative ABG supply voltage
VCC†
12
I
Positive supply voltage
VCC†
17
I
Positive supply voltage
VSS†
10
I
Negative supply voltage
VSS†
20
I
Negative supply voltage
† All terminals of the same name should be connected together externally.
IAIN
ABIN
MIDSEL
IAOUT
ABOUT
I/N
Integrate
Readout
or
Transfer to
Memory‡
ABOUT
IAOUT
MIDSEL
ABIN
IAIN
I/N
TV Field B
TV Field A
Integrate
Readout
or
Transfer to
Memory‡
–9 V
5 V
0 V
5 V
0 V
5 V
0 V
1.5 V
–9 V
–3 V
3 V
–8 V
– 2.5 V
2 V
5 V
0 V
5 V
0 V
5 V
0 V
1.5 V
–9 V
3 V
–8 V
– 2.5 V
Figure 1. Parallel-Driver Timing Diagram
(interlace mode)
Figure 2. Parallel-Driver Timing Diagram
(noninterlace mode)
‡ A readout occurs if the TMS3473B is driving a full-frame CCD image sensor; a transfer to memory occurs if the TMS3473B is driving a
frame-transfer CCD image sensor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com