Electronic Components Datasheet Search
  English  ▼

X  

PM65 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # PM65
Description  65 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PM65 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  PM65 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PM65 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65 WATT MEDICAL POWER SUPPLIES
DESCRIPTION
The PM65 series of compact, open PCB constructed,
AC-DC switching power supplies are capable of delivering
50 to 65 watts of continuous power. They are ideally
suited for use in medical equipment not for patient
contact, and operate at 85 to 264 VAC input voltage
without the need of voltage selection. All models meet the
safety requirements of UL, CSA and IEC.
FEAT URES
‧ Low safety gr ound leak age curr ent
‧ Meet EN 55011 and F CC Class B
‧ Sm all siz e , light w e ight
‧ 100% burn- in
‧ W ide input range 85 to 264 VAC
‧ Input surge curr ent pr otection
‧ O v ervolt age pr ot ect ion
‧ Over curr ent pr otection
INPUT SPECIFICAT IONS
Input voltage:
85 to 264 VAC
Input frequency:
47 to 63 Hz
Input current:
1.60A(rms)for 115VAC
1.00A(rms)for 230VAC
Leakage current:
90uA max. @ 115VAC, 60Hz
150uA max. @ 230VAC, 50Hz
PM65 SERIES
Safety St andard Approval s :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
65 watts maximum
Ripple and noise:
1﹪ peak to peak maximum
Overvoltage protection:
Provided on output #1 only; set at
112 - 132﹪ of its nominal output
voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04﹪ /℃ maximum
Transient response:
Maximum excursion of 4﹪or better
on all models, recovering to 1﹪of
final value within 500us after a
25﹪
step load change
ENVIRONMENTAL SPECIFICAT IONS
Operating temperature: 0℃ to +70℃
Storage temperature:
-40℃ to +85℃
Relative humidity:
5﹪to 95﹪non-condensing
Derating:
Derate from 100﹪at +50℃ linearly
to 50% at +70℃
GENERAL SPECIFICATIONS
Switching frequency: 32KHz ±5KHz
Efficiency:
70﹪minimum on single output models with Vo
≧12V, 65% minimum on the others.
Hold-up time:
10 msec minimum at 110VAC
Line regulation:
±0.5﹪maximum at full load
Inrush current:
15 amps @ 115VAC, or 30 amps @ 230VAC, at
25℃ cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
400,000 hours minimum at full load at 25℃
ambient , calculated per MIL-HDBK-217F
EMC PERFORMANCE (EN60601-1-2: 2001)
EN55011:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000- 3- 2:
Harmonic distortion , Class A
EN61000- 3- 3:
Line flicker
EN61000- 4- 2:
ESD,± 8KV air and ± 6KV contact
EN61000- 4- 3:
Radiated immunity, 3V/m, for 80~2500MHz
EN61000- 4- 4:
Fast transient/burst, ± 2KV
EN61000- 4- 5:
Surge, ± 1KV diff., ± 2KV com.
EN61000- 4- 6:
Conducted immunity, 3Vrms
EN61000- 4- 8:
Magnetic field immunity, 3A/m
EN61000- 4- 11 :
Voltage dips, 30% reduction for 500ms, 60%
reduction for 100ms and >95% reduction for
10ms
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com
UL 2601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
(MDD)


Similar Part No. - PM65

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65-10A POWERBOX-PM65-10A Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65-12A POWERBOX-PM65-12A Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65-13A POWERBOX-PM65-13A Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65-14A POWERBOX-PM65-14A Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results

Similar Description - PM65

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PM66 PROTEC-PM66 Datasheet
704Kb / 2P
51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
40 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
110 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
650 WATT MEDICAL POWER SUPPLIES
logo
RSG Electronic Componen...
PU65 RSG-PU65 Datasheet
169Kb / 2P
65 WATT SWITCHING POWER SUPPLIES
PU66 RSG-PU66 Datasheet
600Kb / 2P
65 WATT SWITCHING POWER SUPPLIES
PU65 RSG-PU65_14 Datasheet
116Kb / 2P
50-65 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com